Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632D
Description  High-Perfomance, Fully-Differential AUDIO OP AMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632D Datasheet(HTML) 3 Page - Texas Instruments

  OPA1632D Datasheet HTML 1Page - Texas Instruments OPA1632D Datasheet HTML 2Page - Texas Instruments OPA1632D Datasheet HTML 3Page - Texas Instruments OPA1632D Datasheet HTML 4Page - Texas Instruments OPA1632D Datasheet HTML 5Page - Texas Instruments OPA1632D Datasheet HTML 6Page - Texas Instruments OPA1632D Datasheet HTML 7Page - Texas Instruments OPA1632D Datasheet HTML 8Page - Texas Instruments OPA1632D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OPA1632
SBOS286 − DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±15V
VS = ±15V: RF = 390Ω, RL = 800Ω, and G = +1, unless otherwise noted.
OPA1632
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.5
±3
mV
vs Temperature
dVos/dT
±5
µV/_C
vs Power Supply, DC
PSRR
316
13
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
2
6
µA
Input Offset Current
IOS
±100
±500
nA
NOISE
Input Voltage Noise
f = 10 kHz
1.3
nV/
√Hz
Input Current Noise
f = 10 kHz
0.4
pA/
√Hz
INPUT VOLTAGE
Common-Mode Input Range
(V−) + 1.5
(V+) − 1
V
Common-Mode Rejection Ratio, DC
74
90
dB
INPUT IMPEDANCE
Input Impedance (each input pin)
34 || 4
M
Ω || pF
OPEN-LOOP GAIN
Open-Loop Gain , DC
66
78
dB
FREQUENCY RESPONSE
Small-Signal Bandwidth
G = +1, RF= 348Ω
180
MHz
(VO = 100mVPP, Peaking < 0.5 dB)
G = +2, RF = 602Ω
90
MHz
G = +5, RF = 1.5kΩ
36
MHz
G = +10, RF = 3.01kΩ
18
MHz
Bandwidth for 0.1dB Flatness
G = +1, VO = 100mVPP
40
MHz
Peaking at a Gain of 1
VO = 100mVPP
0.5
dB
Large-Signal Bandwidth
G = +2, VO = 20VPP
800
kHz
Slew Rate (25% to 75% )
G = +1
50
V/
µs
Rise and Fall Time
G = +1, VO = 5V Step
100
ns
Settling Time to 0.1%
G = +1, VO = 2V Step
75
ns
0.01%
G = +1, VO = 2V Step
200
ns
Total Harmonic Distortion + Noise
G = +1, f = 1kHz, VO = 3Vrms
Differential Input/Output
RL = 600Ω
0.0003
%
Differential Input/Output
RL = 2kΩ
0.000022
%
Single-Ended In/Differential Out
RL = 600Ω
0.000059
%
Single-Ended In/Differential Out
RL = 2kΩ
0.000043
%
Intermodulation Distortion
G = +1, SMPTE/DIN, VO = 2VPP
Differential Input/Output
RL = 600Ω
0.00008
%
Differential Input/Output
RL = 2kΩ
0.00005
%
Single-Ended In/Differential Out
RL = 600Ω
0.0001
%
Single-Ended In/Differential Out
RL = 2kΩ
0.0007
%
Headroom
THD < 0.01%, RL = 2kΩ
20.0
VPP
OUTPUT
Voltage Output Swing
RL = 2kΩ
(V+) − 1.9
(V−) + 1.9
V
RL = 800Ω
(V+) − 4.5
(V−) + 4.5
V
Short-Circuit Current
ISC
Sourcing/Sinking
+50/−60
85
mA
Closed-Loop Output Impedance
G = +1, f = 100kHz
0.3
POWER-DOWN(1)
Enable Voltage Threshold
(V−) + 2
V
Disable Voltage Threshold
(V−) + 0.8
V
Shutdown Current
VENABLE = −15V
0.85
1.5
mA
Turn-On Delay
Time for IQ to Reach 50%
2
µs
Turn-Off Delay
Time for IQ to Reach 50%
2
µs
POWER SUPPLY
Specified Operating Voltage
±15
±16
V
Operating Voltage
±2.5
V
Quiescent Current
IQ
Per Channel
14
17.1
mA
TEMPERATURE RANGE
Specified Range
−40
+85
_C
Operating Range
−40
+125
_C
Storage Range
−65
+150
_C
Thermal Resistance
q
JA
200
_C/W
(1) Amplifier has internal 50kΩ pull-up resistor to VCC+ pin. This enables the amplifier with no connection to shutdown pin.


Similar Part No. - OPA1632D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632D TI-OPA1632D Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632D BURR-BROWN-OPA1632D Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632D TI1-OPA1632D Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632DG4 TI-OPA1632DG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DG4 BURR-BROWN-OPA1632DG4 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com