Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
Download  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87591E Datasheet HTML 1Page - National Semiconductor (TI) PC87591E Datasheet HTML 2Page - National Semiconductor (TI) PC87591E Datasheet HTML 3Page - National Semiconductor (TI) PC87591E Datasheet HTML 4Page - National Semiconductor (TI) PC87591E Datasheet HTML 5Page - National Semiconductor (TI) PC87591E Datasheet HTML 6Page - National Semiconductor (TI) PC87591E Datasheet HTML 7Page - National Semiconductor (TI) PC87591E Datasheet HTML 8Page - National Semiconductor (TI) PC87591E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 437 page
background image
www.national.com
4
Revision 1.07
Features (Continued)
15 IRQ routing options
Legacy free support
Real-Time Clock (RTC)
— DS1287 and MC146818 compatible
— 242-byte battery backed-up CMOS RAM
— Calendar including century and automatic leap-year
adjustment (Y2K compliant)
— Optional adjustment for daylight saving time
— BCD or binary format for timekeeping
— Three individually maskable interrupt event flags:
periodic rates from 122
µs to 500 ms; time-of-day
alarm, once-per-second to once-per-day
— Double-buffer time registers
— Alarm wake-up
Mobile System Wake-Up Control (MSWC)
— Wake-up on detection of RI1, RI2, RING activity
External modem ring on serial port
Ring pulse or pulse train on RING input signal
Software-controlled off events
— Optional routing of power-up request on IRQ and/or
SMI lines
Clocking, Supply and Package Information
Strap Input Controlled Operating Modes
— Turn on shared BIOS
— TRI-STATE
— Development
— On-board development
— Programing environment
Clocks
— Single 32.768 KHz crystal oscillator
— LPC clock, up to 33 MHz
— On-chip high frequency clock generator
CPU clock 4-20 MHz
Software-controlled frequency generation
Multiplier source 32 KHz input
— 32 KHz clock out
— CR16B clock out
Power Supply
— 3.3V supply operation
— 5V tolerance and back-drive protection on all pins
(except LPC bus pins and keyboard scan inputs)
— Separate supply for Host I/F (VDD) and Embedded
Controller functions (VCC)
— Backup battery input for RTC, and wake-up configu-
ration.
— Reduced power consumption capability
— Four power modes, switched by software or hard-
ware
Active mode current (TBD mA)
Active mode executing WAIT
Idle (15
µA)
Power off for RTC only (0.9
µA typical) from
backup battery
— Automatic wake-up on system events
Package Options
— 128-pin LQFP package
— 176-pin LQFP package for more GPIO pins, Expan-
sion Memory use and development systems


Similar Part No. - PC87591E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
   LPC Mobile Embedded Controller
PC87591L-SLCN05 NSC-PC87591L-SLCN05 Datasheet
4Mb / 401P
   LPC Mobile Embedded Controller
PC87591L-VPCN05 NSC-PC87591L-VPCN05 Datasheet
4Mb / 401P
   LPC Mobile Embedded Controller
More results

Similar Description - PC87591E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
   LPC Mobile Embedded Controller
logo
Freescale Semiconductor...
MCF5249LAG120 FREESCALE-MCF5249LAG120 Datasheet
110Kb / 2P
   ColdFire Embedded Controllers
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
ITT Industries
120220-0130 ITT-120220-0130 Datasheet
154Kb / 1P
   MOBILE CONNECTOR SERIES LPC CP1/CP2
logo
Texas Instruments
SN54LVT8980A TI1-SN54LVT8980A_14 Datasheet
871Kb / 38P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS
logo
List of Unclassifed Man...
ORCA-2510 ETC2-ORCA-2510 Datasheet
857Kb / 1P
   Orca Fanless Embedded Controllers
logo
Zilog, Inc.
Z80189 ZILOG-Z80189 Datasheet
559Kb / 107P
   GENERAL-PURPOSE EMBEDDED CONTROLLERS
logo
List of Unclassifed Man...
ORCA-2780 ETC2-ORCA-2780 Datasheet
863Kb / 1P
   Orca Fanless Embedded Controllers
logo
Winbond
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
   Mobile Keyboard and Embedded Controller
87541V WINBOND-87541V Datasheet
135Kb / 4P
   Embedded Controller for Mobile Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com