Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1L9223B02 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1L9223B02
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9223B02 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1L9223B02 Datasheet HTML 7Page - Samsung semiconductor S1L9223B02 Datasheet HTML 8Page - Samsung semiconductor S1L9223B02 Datasheet HTML 9Page - Samsung semiconductor S1L9223B02 Datasheet HTML 10Page - Samsung semiconductor S1L9223B02 Datasheet HTML 11Page - Samsung semiconductor S1L9223B02 Datasheet HTML 12Page - Samsung semiconductor S1L9223B02 Datasheet HTML 13Page - Samsung semiconductor S1L9223B02 Datasheet HTML 14Page - Samsung semiconductor S1L9223B02 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02
11
ELECTRICAL CHARACTERISTICS (Continued)
(Ta = 25
°C, V
DD = DVDD = VCC = +3.2V, VSS = DVSS = GND = VSSP = 0V)
Characteristic
Symbol
Test Conditions
Output
Min.
Typ.
Max.
Unit
Defect Bottom Voltage
Fdfct1
SG3 1.620V+0.04Vp-p,
1kHz,sine
pin 40
670
1000
Hz
Defect Max Freq. Voltage
Fdfct2
SG3 1.620V+0.04Vp-p,
2kHz,sine
2.0
4.7
kHz
Defect Minimum Input
Voltage
Vdfct1
SG 3 1.610V+0.020Vp-p,
1kHz,sine
0.3
0.5
V
Defect Maximum Input
Voltage
Vdfct2
SG3 1.635V+0.070Vp-p,
1kHz,sine
1.8
−−
V
EFM Duty Voltage 1
Defm1
SG4 1.6V+0.75Vp-p,
750kHz,sine
pin 31
−50
0
50
mV
EFM Duty Voltage 2
Defm2
SG4 1.85V+0.75Vp-p,
750kHz,sine
050
100
mV
EFM Minimum input Voltage
Vefm1
SG4 1.6V+0.12Vp-p,
750kHz,sine
pin 32
−−
0.12
V
EFM Maximum input Voltage
Vefm2
SG4 1.2V+1.8Vp-p
750kHz,sine
1.8
−−
V
EFM Maximum Operating
Frequency
Fefm
SG4 1.6V+0.75Vp-p
4MHz sine
4
−−
MHz
EFM duty check
EFMduty SG4 1.6V+0.75Vp-p
750kHz sine
45
50
55
%
FZC Threshold Voltage
Vfzc
DC 1.6V+34mV,100mV
pin 30
35
69
100
mV
ATSC Threshold Voltage 1
Vatsc1
$10,SG2 DC 1.6V-6mV
−67mV
−67
−37
−7mV
ATSC Threshold Voltage 2
Vatsc2
SG2 DC 1.6V+6mV,+67mV
pin 33
7
37
67
mV
TZC Threshold Voltage
Vtzc
$20,SG2 DC 1.6V-30mV
+30mV
pin 30
−30
0
30
mV
SSTOP Threshold Voltage
Vsstop
$30,SG2 DC 1.6V-100mV
−30mV
−100
−50
−30
mV
Tracking gain window
voltage
VtGW
$840+$830 SG2
1.6V+ 199mV, 300mV
DC sweep 5mV step
pin 29
200
250
300
mV
Tracking gain window range
VTGW2
$848+$830 SG2
1.6V+ 99mV, 200mV
DC sweep 5mV step
100
150
200
mV


Similar Part No. - S1L9223B02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L9223B02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
KB9223 SAMSUNG-KB9223 Datasheet
614Kb / 34P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9226X SAMSUNG-S1L9226X Datasheet
454Kb / 56P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9225 SAMSUNG-S1L9225 Datasheet
623Kb / 60P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com