Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81239 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81239
Description  USB Power Delivery 4-Switch Buck Boost Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81239 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81239 Datasheet HTML 1Page - ON Semiconductor NCP81239 Datasheet HTML 2Page - ON Semiconductor NCP81239 Datasheet HTML 3Page - ON Semiconductor NCP81239 Datasheet HTML 4Page - ON Semiconductor NCP81239 Datasheet HTML 5Page - ON Semiconductor NCP81239 Datasheet HTML 6Page - ON Semiconductor NCP81239 Datasheet HTML 7Page - ON Semiconductor NCP81239 Datasheet HTML 8Page - ON Semiconductor NCP81239 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP81239
www.onsemi.com
5
Table 2. MAXIMUM RATINGS
Over operating free−air temperature range unless otherwise noted
Rating
Unit
Max
Min
Symbol
CFET Driver
CFET
−0.3
VCC + 0.3
V
Driver 1 and Driver 2 Positive Rails
BST1,
BST2
−0.3 V wrt/PGND
−0.3 V wrt/VSW
35 V wrt/PGND
5.5 V wrt/VSW
V
High Side Driver 1 and Driver 2
HSG1,
HSG2
−0.3 V wrt/PGND
−0.3 V wrt/VSW
30 V wrt/GND
5.5 V wrt/VSW
V
Switching Nodes and Return Path of Driver 1 and
Driver 2
VSW1,
VSW2
−5.0 V
35 V
V
Low Side Driver 1 and Driver 2
LSG1,
LSG2
−0.3 V
5.5
V
PMOSFET Driver
PDRV
−0.3
40
V
Voltage Differential
AGND to PGND
−0.3
0.3
V
CSP1−CSN1, CSP2−CSN2 Differential Voltage
CS1DIF,
CS2DIF
−0.5
0.5
V
PDRV Maximum Current
PDRVI
0
10
mA
Maximum VCC Current
VCCI
0
80
mA
Operating Junction Temperature Range (Note 1)
TJ
−40
150
°C
Operating Ambient Temperature Range
TA
−40
85
°C
Storage Temperature Range
TSTG
−55
150
°C
Thermal Characteristics (Note 2)
QFN 32 5mm x 5mm
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance Junction−to−Air with Solder
PD
RQJA
3.53
35.4
W
°C/W
Lead Temperature Soldering (10 sec):
Reflow (SMD styles only) Pb−Free (Note 3)
RF
260 Peak
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The maximum package power dissipation limit must not be exceeded.
2. The value of QJA is measured with the device mounted on a 3in x 3in, 4 layer, 0.062 inch FR−4 board with 1.5 oz. copper on the top and
bottom layers and 0.5 ounce copper on the inner layers, in a still air environment with TA = 25°C.
3. 60−180 seconds minimum above 237°C.
Table 3. ELECTRICAL CHARACTERISTICS
(V1 = 12 V, Vout = 1.0 V , TA = +25°C for typical value; −40°C < TA < 100°C for min/max values unless noted otherwise)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Supply
V1 Operating Input Voltage
V1
4.5
28
V
VDRV Operating Input Voltage
VDRV
4.5
5
5.5
V
VCC UVLO Rising Threshold
VCCSTART
4.16
V
UVLO Hysteresis for VCC
VCCVHYS
Falling Hysteresis
200
mV
VDRV UVLO Rising Threshold
VDRVSTART
4.16
V
UVLO Hysteresis for VDRV
VDRVHYS
Falling Hysteresis
200
mV
VCC Output Voltage
VCC
With no external load
4.90
5
V
VCC Drop Out Voltage
VCCDROOP
30 mA load
150
mV
VCC Output Current Limit
IOUTVCC
VCC Loaded to 4.3 V
80
97
mA
4. Ensured by design. Not production tested.


Similar Part No. - NCP81239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239A ONSEMI-NCP81239A Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239AMNTXG ONSEMI-NCP81239AMNTXG Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239MNTXG ONSEMI-NCP81239MNTXG Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
More results

Similar Description - NCP81239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
   USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
   40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
   USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
   USB Power Delivery Controller
logo
Texas Instruments
TPS25772-Q1 TI-TPS25772-Q1 Datasheet
454Kb / 7P
[Old version datasheet]   TPS25772-Q1 Automotive Dual USB Type-C Power Delivery Controller with Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com