Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF6 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # PF6
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PF6 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  PF6 Datasheet HTML 1Page - GOOD-ARK Electronics PF6 Datasheet HTML 2Page - GOOD-ARK Electronics PF6 Datasheet HTML 3Page - GOOD-ARK Electronics PF6 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PF1 thru PF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
Features
• Glass passivated fast recovery rectifiers
• Heatsink structure
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device, power supplies,
and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Minimum Breakdown voltage Ta=25℃,IR=100uA
VBR
600
IF=1 A,Ta=25℃
IF=1 A,Ta=125℃
TA=25
TA=125
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
PF1
PF2
PF3
PF4
PF5
PF6
PF7
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Rating for fusing(t<8.3ms)
3.8
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
PF1
PF2
PF3
PF4
PF5
PF6
PF7
Unit
1.3
Maximum DC reverse current
at rated DC blocking voltage
IR
5.0
µA
50
Maximum reverse recovery
time
trr
Typical thermal resistance
63
nS
7.5
℃/W
9
39
400
1000
VF
V
Maximum instantaneous
forward voltage
150
250
0.98
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.03-Rev.A


Similar Part No. - PF6

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PF60 EDI-PF60 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Murata Manufacturing Co...
PF600-1 MURATA-PF600-1 Datasheet
379Kb / 4P
   600W AC/DC Front-End Power Module
logo
Hammond Manufacturing L...
PF6000 HAMMOND-PF6000 Datasheet
92Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PF6000230 HAMMOND-PF6000230 Datasheet
92Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B Datasheet
234Kb / 2P
   55 ?C Photoflash, High-Energy, Long Life, 500 V, Aluminum
More results

Similar Description - PF6

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com