Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12D Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # R12D
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

R12D Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  R12D Datasheet HTML 1Page - GOOD-ARK Electronics R12D Datasheet HTML 2Page - GOOD-ARK Electronics R12D Datasheet HTML 3Page - GOOD-ARK Electronics R12D Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R12A thru R12M
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.2A
Package Outline Dimensions
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
www.goodark.com
3/4
2015.11-Rev.A


Similar Part No. - R12D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R12D05 RECOM-R12D05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R12D09 RECOM-R12D09 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R12D12 RECOM-R12D12 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R12D15 RECOM-R12D15 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R12D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com