Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7706H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7706H
Description  Car radio Digital Signal Processor (DSP)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7706H Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7706H Datasheet HTML 1Page - NXP Semiconductors SAA7706H Datasheet HTML 2Page - NXP Semiconductors SAA7706H Datasheet HTML 3Page - NXP Semiconductors SAA7706H Datasheet HTML 4Page - NXP Semiconductors SAA7706H Datasheet HTML 5Page - NXP Semiconductors SAA7706H Datasheet HTML 6Page - NXP Semiconductors SAA7706H Datasheet HTML 7Page - NXP Semiconductors SAA7706H Datasheet HTML 8Page - NXP Semiconductors SAA7706H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
2001 Mar 05
5
Philips Semiconductors
Product specification
Car radio Digital Signal Processor (DSP)
SAA7706H
5
ORDERING INFORMATION
THD
total harmonic distortion
input signal 0.55 V
(RMS) at 1 kHz;
bandwidth = 20 kHz
−−85
−75
dB
S/N
signal-to-noise ratio
input signal at 1 kHz;
bandwidth = 20 kHz;
0 dB reference = 0.55 V
(RMS)
85
90
dB
FSDAC
(THD + N)/S
total harmonic distortion-plus-noise to
signal ratio (measured with system
one)
at 0 dB
−−90
−85
dB
at
−60 dB; A-weighted
−−37
dB
S/N
signal-to-noise ratio (measured with
system one)
code = 0; A-weighted
105
dB
Crystal oscillator
fxtal
crystal frequency
11.2896
MHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7706H
QFP80
plastic quad flat package; 80 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT318-2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA7706H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
More results

Similar Description - SAA7706H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
   Car radio digital signal processor
2003 Nov 18
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com