Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS10.481 Datasheet(PDF) 11 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 11 Page - Red Lion Controls. Inc

Back Button CS10.481 Datasheet HTML 7Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 8Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 10Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 11Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 12Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 13Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 14Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 15Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/20
15. ENVIRONMENT
Operational temperature
-25°C to +70°C (-13°F to 158°F)
reduce output power according Fig. 15-1
Output de-rating
3.2W/°C
45-60°C (113°F to 140°F)
6W/°C
60-70°C (140°F to 158°F)
Storage temperature
-40 to +85°C (-40°F to 185°F)
storage and transportation
Humidity
5 to 95% r.H.
IEC 60068-2-30
Do not energize while condensation is present
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20 000ft)
Reduce output power or ambient
temperature above 2000m sea level.
Output de-rating (for altitude)
15W/1000m or 5°C/1000m
above 2000m (6500ft), see Fig. 15-2
Over-voltage category
III
EN 50178, altitudes up to 2000m
II
Altitudes from 2000m to 6000m
Degree of pollution
2
EN 50178, not conductive
Fig. 15-1 Output current vs. ambient temp.,
Fig. 15-2 Output current vs. altitude
Allowable Output
Current at 48V
0
-25
0
20
40
70°C
1
2
3
4
5
6A
60
Ambient Temperature
continuous
short
term
0
0
2000
4000
6000m
1
2
3
4
5
6A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
C
B
A
short term
Allowable Output
Current at 48V
The ambient temperature is defined 2cm below the unit.
16. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits
Output over-voltage protection
typ. 56Vdc
max. 60Vdc
In case of an internal power supply defect, a redundant
circuitry limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Output over-current protection
electronically limited
see Fig. 8-1
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
output shut-down with automatic restart
Input transient protection
MOV
Metal Oxide Varistor
Internal input fuse
T6.3A H.B.C.
not user replaceable
Note: In case of a protection event, audible noise may occur.


Similar Part No. - CS10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.481 PULS-CS10.481 Datasheet
675Kb / 26P
   48V, 5A, SINGLE PHASE INPUT
More results

Similar Description - CS10.481

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
   Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
   Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
   Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com