Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXFIBER-SFP Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # FXFIBER-SFP
Description  Industrial Fast Ethernet Fiber Transceivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

FXFIBER-SFP Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  FXFIBER-SFP Datasheet HTML 1Page - Red Lion Controls. Inc FXFIBER-SFP Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FxFIBER-SFP Ethernet Fiber Transceivers
Sixnet Networking Series
Industrial Fast Ethernet Fiber Transceivers
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL fAST eTHeRNeT fiBeR TRANSCeiVeRS
FxFIBER-SFP
PRODUCT DATASHEET
PRODUCT HiGHLiGHTS
n
SFP 155 Mbps fiber transceivers with LC
style connectors
n
Pluggable for quick and easy installation -
saves you time
n
Industry standard Small Form Factor (MSA
compliant) - saves you space
n
Multimode and singlemode models available
n
Noise immune fiber runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Vibration resistance latching mechanism
n
Fully compliant with IEEE 802.3u Fast
Ethernet (100Base) standard plus STM-1,
OC-3 and SONET/SDH
n
Low power consumption
n
Laser Class 1 Product –
IEC 60825-1 Compliant
n
Standard duplex LC receptacle
Lead and Hazardous
Substance Free
MeCHANiCAL DiMeNSiONS (UNiTS iN MM)
ReCOMMeNDeD OPeRATiNG CONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Humidity
5
-
95
%
non-condensing
Power Supply Voltage
3.1
3.3
3.5
V
-
Total Current
(transmiter + receiver)
-
-
300
250
mA
For MM fiber
For SM fiber
Maximum Data Rate
-
155
-
Mbit/s
-
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL fAST eTHeRNeT fiBeR TRANSCeiVeRS
FxFIBER-SFP
PRODUCT DATASHEET
PRODUCT HiGHLiGHTS
n
SFP 155 Mbps fiber transceivers with LC
style connectors
n
Pluggable for quick and easy installation -
saves you time
n
Industry standard Small Form Factor (MSA
compliant) - saves you space
n
Multimode and singlemode models available
n
Noise immune fiber runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Vibration resistance latching mechanism
n
Fully compliant with IEEE 802.3u Fast
Ethernet (100Base) standard plus STM-1,
OC-3 and SONET/SDH
n
Low power consumption
n
Laser Class 1 Product –
IEC 60825-1 Compliant
n
Standard duplex LC receptacle
Lead and Hazardous
Substance Free
MeCHANiCAL DiMeNSiONS (UNiTS iN MM)
ReCOMMeNDeD OPeRATiNG CONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Humidity
5
-
95
%
non-condensing
Power Supply Voltage
3.1
3.3
3.5
V
-
Total Current
(transmiter + receiver)
-
-
300
250
mA
For MM fiber
For SM fiber
Maximum Data Rate
-
155
-
Mbit/s
-
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL fAST eTHeRNeT fiBeR TRANSCeiVeRS
FxFIBER-SFP
PRODUCT DATASHEET
PRODUCT HiGHLiGHTS
n
SFP 155 Mbps fiber transceivers with LC
style connectors
n
Pluggable for quick and easy installation -
saves you time
n
Industry standard Small Form Factor (MSA
compliant) - saves you space
n
Multimode and singlemode models available
n
Noise immune fiber runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Vibration resistance latching mechanism
n
Fully compliant with IEEE 802.3u Fast
Ethernet (100Base) standard plus STM-1,
OC-3 and SONET/SDH
n
Low power consumption
n
Laser Class 1 Product –
IEC 60825-1 Compliant
n
Standard duplex LC receptacle
Lead and Hazardous
Substance Free
MeCHANiCAL DiMeNSiONS (UNiTS iN MM)
ReCOMMeNDeD OPeRATiNG CONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Humidity
5
-
95
%
non-condensing
Power Supply Voltage
3.1
3.3
3.5
V
-
Total Current
(transmiter + receiver)
-
-
300
250
mA
For MM fiber
For SM fiber
Maximum Data Rate
-
155
-
Mbit/s
-


Similar Part No. - FXFIBER-SFP

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
More results

Similar Description - FXFIBER-SFP

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
logo
List of Unclassifed Man...
3005F ETC2-3005F Datasheet
127Kb / 3P
   Industrial 5-port Redundant Fast Ethernet Fiber Switch
logo
OPLINK Communications I...
TRPBFELXTBOSH OPLINK-TRPBFELXTBOSH Datasheet
112Kb / 5P
   Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
logo
Intel Corporation
LXT975 INTEL-LXT975 Datasheet
1Mb / 74P
   Fast Ethernet 10/100 Quad Transceivers
logo
Red Lion Controls. Inc
SLX-8ES REDLION-SLX-8ES Datasheet
817Kb / 2P
   Three Fiber Industrial Ethernet Unmanaged Switch
logo
Infineon Technologies A...
NINJAF INFINEON-NINJAF Datasheet
3Mb / 82P
   Fiber to Fast Ethernet Converter
Rev. 1.02, Nov. 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com