Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102N Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CP2102N
Description  USBXpress Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102N Datasheet(HTML) 5 Page - Silicon Laboratories

  CP2102N Datasheet HTML 1Page - Silicon Laboratories CP2102N Datasheet HTML 2Page - Silicon Laboratories CP2102N Datasheet HTML 3Page - Silicon Laboratories CP2102N Datasheet HTML 4Page - Silicon Laboratories CP2102N Datasheet HTML 5Page - Silicon Laboratories CP2102N Datasheet HTML 6Page - Silicon Laboratories CP2102N Datasheet HTML 7Page - Silicon Laboratories CP2102N Datasheet HTML 8Page - Silicon Laboratories CP2102N Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2.2 Battery Charger Detect
The CP2102N Battery Charger Detect notifies an external battery charger the amount of current available from the USB interface.
The figure below shows an example connection diagram for external battery charging circuitry. If using an external battery charging IC,
consult the data sheet for more information about the specific recommended connection diagrams.
CP2102N Device
D+
GND
VREGIN
D-
USB
Connector
VBUS
D+
Signal GND
D-
VBUS
CHR1 (1.5 A)
CHR0 (500 mA)
CHREN (100 mA)
External
Battery
Charging IC
SETI
CEN
SP0503BAHT or
equivalent USB ESD
protection diodes
(Recommended)
Figure 2.4. Battery Charging Connection Diagram
CP2102N Data Sheet
Typical Connection Diagrams
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4


Similar Part No. - CP2102N

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102N-A01-GQFN20 SILABS-CP2102N-A01-GQFN20 Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN20R SILABS-CP2102N-A01-GQFN20R Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN24 SILABS-CP2102N-A01-GQFN24 Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN24R SILABS-CP2102N-A01-GQFN24R Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN28 SILABS-CP2102N-A01-GQFN28 Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
More results

Similar Description - CP2102N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com