Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102N-A01-GQFN24 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2102N-A01-GQFN24
Description  USBXpress Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102N-A01-GQFN24 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2102N-A01-GQFN24 Datasheet HTML 1Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 2Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 3Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 4Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 5Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 6Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 7Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 8Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
The figure below shows a typical connection diagram for the power pins of the CP2102N devices when the internal 5 V-to-3.3 V regula-
tor is not used.
CP2102N Device
Voltage
Regulator
2.2-3.6 V (in)
GND
4.7 µF and 0.1 µF bypass
capacitors required for
each power pin placed as
close to the pins as
possible.
VREGIN
VDD
RSTb
VIO
1 kohm
Figure 2.3. Connection Diagram with Voltage Regulator Not Used
CP2102N Data Sheet
Typical Connection Diagrams
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Similar Part No. - CP2102N-A01-GQFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102N-A01-GQFN24 SILABS-CP2102N-A01-GQFN24 Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN24R SILABS-CP2102N-A01-GQFN24R Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
More results

Similar Description - CP2102N-A01-GQFN24

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com