Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3U60P5Q-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR3U60P5Q-7
Description  3A SBR SUPER BARRIER RECTIFIER PowerDI5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3U60P5Q-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR3U60P5Q-7 Datasheet HTML 1Page - Diodes Incorporated SBR3U60P5Q-7 Datasheet HTML 2Page - Diodes Incorporated SBR3U60P5Q-7 Datasheet HTML 3Page - Diodes Incorporated SBR3U60P5Q-7 Datasheet HTML 4Page - Diodes Incorporated SBR3U60P5Q-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR3U60P5Q
Document number: DS38719 Rev. 2 - 2
3 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR3U60P5Q
0
0 5
.
1
1 5
.
2
2 5
.
3
0
1
2
3
4
5
IF
, AVERAGE FORWARD CURRENT (A)
(AV)
Figure 3 Forward Power Dissipation
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
175
Note 6
Note 7
Figure 4 DC Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
0
25
50
75
100
125
150
175
200
0
6
12
18
24
30
36
42
48
54
60
Note 6
Figure 5 Operating Temperature Derating
V , REVERSE VOLTAGE (V)
R
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
R
Figure 6 Typical Junction Capacitance
f = 1MHz
0.0001
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
VF,INSTANTANEOUS FORWARD VOLTAGE(mV)
Figure.1 Typical Forward Characteristics
TA=25
⁰C
TA=85
⁰C
TA=175
⁰C
TA=-55
⁰C
TA=125
⁰C
TA=150
⁰C
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
VR, REVERSE VOLTAGE(V)
Figure.2 Typical Reverse Characteristics
TA=25
⁰C
TA=85
⁰C
TA=125
⁰C
TA=150
⁰C
TA=175
⁰C
VF, INSTANTANEOUS FORWARD VOLTAGE (mV)
Figure 1 Typical Forward Characteristics
0
100
200
300
400
500
600
10
1
0.1
0.01
0.001
0.0001
TA = -55
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
TA = 150
oC
TA = 175
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
TA = 150
oC
TA = 175
oC
VR, REVERSE VOLTAGE (V)
Figure 2 Typical Reverse Characteristics
0
10
20
30
40
50
60
100000
10000
1000
100
10
1
Note 7
Note 8
Note 7


Similar Part No. - SBR3U60P5Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5 DIODES-SBR3U60P5 Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5-13 DIODES-SBR3U60P5-13 Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5-13D DIODES-SBR3U60P5-13D Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5-7 DIODES-SBR3U60P5-7 Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5-7D DIODES-SBR3U60P5-7D Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
More results

Similar Description - SBR3U60P5Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5 DIODES-SBR3U60P5 Datasheet
255Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR8E20P5 DIODES-SBR8E20P5 Datasheet
447Kb / 5P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR10U200P5Q DIODES-SBR10U200P5Q Datasheet
539Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15A30SP5 DIODES-SBR15A30SP5 Datasheet
796Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
April 2022
SBR10M100P5Q DIODES-SBR10M100P5Q Datasheet
497Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15U30SP5Q DIODES-SBR15U30SP5Q Datasheet
558Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
January 2018
SBR12U100P5Q DIODES-SBR12U100P5Q Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
SBR8U60P5Q DIODES-SBR8U60P5Q Datasheet
529Kb / 6P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
May 2019
logo
Shenzhen Luguang Electr...
SBR10U45SP5 LUGUANG-SBR10U45SP5 Datasheet
135Kb / 2P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
logo
Diodes Incorporated
SBR10U45SP5Q DIODES-SBR10U45SP5Q Datasheet
771Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
September 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com