Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR8B60P5-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR8B60P5-7
Description  8A SBR SUPER BARRIER RECTIFIER POWERDI 5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR8B60P5-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR8B60P5-7 Datasheet HTML 1Page - Diodes Incorporated SBR8B60P5-7 Datasheet HTML 2Page - Diodes Incorporated SBR8B60P5-7 Datasheet HTML 3Page - Diodes Incorporated SBR8B60P5-7 Datasheet HTML 4Page - Diodes Incorporated SBR8B60P5-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR8B60P5
Document number: DS38284 Rev. 3 - 2
4 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBR8B60P5
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
POWERDI
®
5
POWERDI
®
5
Dim
Min
Max
Typ
A
1.05
1.15
1.10
A1
0.00
0.05
--
A2
0.33
0.43
0.381
b1
0.80
0.99
0.89
b2
1.70
1.88
1.78
D
3.90
4.05
3.966
D2
--
--
3.054
E
6.40
6.60
6.504
e
--
--
1.84
E1
5.30
5.45
5.37
E2
--
--
3.549
L
0.75
0.95
0.85
L1
0.50
0.65
0.57
W
1.10
1.41
1.255
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI
®
5
Dimensions
Value (in mm)
C
1.840
G
0.852
X
1.390
X1
3.360
Y
1.400
Y1
4.860
E
E/2
E1
E1/2
D
A
A1
L1
W
A2
2X b1
b2
L
D2
E2
L
L1
e
X
Y
C
X1
Y1
G


Similar Part No. - SBR8B60P5-7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR8 SEMTECH-SBR8 Datasheet
69Kb / 2P
   STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
SBR80 ETC1-SBR80 Datasheet
124Kb / 3P
   SCHOTTKY RECTIFIER
SBR8035 ETC1-SBR8035 Datasheet
124Kb / 3P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
SBR8040 MICROSEMI-SBR8040 Datasheet
129Kb / 2P
   80 Amp Schottky Rectifier
logo
List of Unclassifed Man...
SBR8040 ETC1-SBR8040 Datasheet
124Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR8B60P5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR8M100P5 DIODES-SBR8M100P5 Datasheet
621Kb / 5P
   8A SBR SUPER BARRIER RECTIFIER PowerDI
April 2021
SBR8E60P5 DIODES-SBR8E60P5 Datasheet
236Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR8A60P5 DIODES-SBR8A60P5 Datasheet
455Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
March 2015
SBR8U20SP5Q DIODES-SBR8U20SP5Q Datasheet
136Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013
SBR8E45P5 DIODES-SBR8E45P5 Datasheet
238Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
August 2015
SBR8A45SP5 DIODES-SBR8A45SP5 Datasheet
357Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR15U50SP5 DIODES-SBR15U50SP5 Datasheet
210Kb / 5P
   15A SBR SUPER BARRIER RECTIFIER POWERDI 5
SBR3U60P1Q DIODES-SBR3U60P1Q Datasheet
300Kb / 6P
   3A SBR SUPER BARRIER RECTIFIER PowerDI
SBR12E45LH1 DIODES-SBR12E45LH1 Datasheet
531Kb / 5P
   12A SBR SUPER BARRIER RECTIFIER POWERDI
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
   5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com