Electronic Components Datasheet Search |
|
C324C473MCR5TA7301 Datasheet(PDF) 4 Page - Kemet Corporation |
|
C324C473MCR5TA7301 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 20 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1055_HV_GOLDMAX_300_X7R • 12/2/2015 4 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade) Qualification/Certification Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in Table 2, Performance & Reliability. Environmental Compliance Lead (Pb)-Free, REACH and RoHS compliant without exemptions when ordered with a 100% tin (Sn) wire lead finish. Product ordered with tin/ lead (Sn60/Pb40) wire lead finish do not meet RoHS criteria. Series Termination Finish (Wire Lead) RoHS Compliant RoHS Exemption Code REACH Compliant1 Halogen Free 300 (C3XX) 100% Matte Sn Yes n/a Yes Yes Sn60/Pb40 No n/a Yes Yes 1 REACHcomplianceindicatesproductdoes notcontainSubstance/sofVeryHighConcern(SVHC) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range -55°C to +125°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±15% Aging Rate (Maximum % Cap Loss/Decade Hour) 3.0% Dielectric Withstanding Voltage 150% of rated voltage for voltage rating of < 1,000 V 120% of rated voltage for voltage rating of ≥ 1,000 V (5 ±1 seconds and charge/discharge not exceeding 50 mA at 25°C) Dissipation Factor (DF) Maximum Limit @ 25ºC 2.5% Insulation Resistance (IR) Limit @ 25°C See Insulation Resistance Limit Table (500 VDC applied for 120 ±5 seconds @ 25°C) Regardingagingrate:Capacitancemeasurements(includingtolerance)areindexedtoarefereetimeof1,000hours. ToobtainIRlimit,divideMΩ-µFvaluebythecapacitanceandcomparetoGΩlimit.Selectthelowerofthetwolimits. Capacitanceanddissipationfactor(DF)measuredunderthefollowingconditions: 1kHz±50Hzand1.0±0.2V rms Note:Whenmeasuringcapacitanceitisimportanttoensurethesetvoltagelevelisheldconstant.TheHP4284andAgilentE4980haveafeatureknownas Automatic Level Control (ALC). The ALC feature should be switched to "ON." |
Similar Part No. - C324C473MCR5TA7301 |
|
Similar Description - C324C473MCR5TA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |