Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT20M80SP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBRT20M80SP5
Description  20A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT20M80SP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT20M80SP5 Datasheet HTML 1Page - Diodes Incorporated SBRT20M80SP5 Datasheet HTML 2Page - Diodes Incorporated SBRT20M80SP5 Datasheet HTML 3Page - Diodes Incorporated SBRT20M80SP5 Datasheet HTML 4Page - Diodes Incorporated SBRT20M80SP5 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT20M80SP5
Document number: DS38497 Rev. 3 - 2
1 of 5
www.diodes.com
January 2016
© Diodes Incorporated
SBRT20M80SP5
POWERDI
®5
20A TRENCH SBR
TRENCH SUPER BARRIER RECTIFIER
POWERDI
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@+25°C
IR (MAX) (mA)
@+25°C
80
20
0.66
0.2
Description and Applications
Packaged in the compact thermally efficient POWERDI
®
5 package,
the SBRT20M80SP5 provides very low VF and provides excellent
reverse leakage stability at high temperatures. It is ideal for use as a
rectification, freewheeling or polarity protection diode.
Features and Benefits
Ultra Low Forward Voltage Drop (VF) Helps – Minimizes Power
Losses
Reduced
High
Temperature
Reverse
Leakage;
Increased
Reliability Against Thermal Runaway Failure in High Temperature
Operation
Patented Trench Super Barrier Rectifier SBR
®
Technology
Thermally Efficient Package For Cooler Running Applications
Less Than 1.1mm Package Profile Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®5
Case Material: Molded Plastic, ―Green‖ Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.093 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT20M80SP5-13
POWERDI
®5
5,000/Tape & Reel
SBRT20M80SP5-13D(Note 5)
POWERDI
®5
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. POWERDI
®
5 available in 5K quantity on 13-
inch reel &12mm tape, part number suffix ―13D‖.
Marking Information
Bottom View
Green
Top View
POWERDI
®5
T20M80S = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
K = Factory Designator
YYWWK
T15U50S
T20M80S
LEFT PIN
RIGHT PIN
BOTTOM SIDE
HEAT SINK
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.


Similar Part No. - SBRT20M80SP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20M80SLP DIODES-SBRT20M80SLP Datasheet
441Kb / 6P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
April 2021
SBRT20M80SLP-13 DIODES-SBRT20M80SLP-13 Datasheet
441Kb / 6P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
April 2021
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
More results

Similar Description - SBRT20M80SP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20U100SLP DIODES-SBRT20U100SLP Datasheet
181Kb / 5P
   20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
March 2015
SBRT10U50SP5 DIODES-SBRT10U50SP5 Datasheet
155Kb / 5P
   10A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
SBRT3U60P1 DIODES-SBRT3U60P1 Datasheet
324Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
SBRT10M50SP5 DIODES-SBRT10M50SP5 Datasheet
157Kb / 5P
   10A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
SBRT20U100SLP DIODES-SBRT20U100SLP_15 Datasheet
181Kb / 5P
   20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT3M40P1 DIODES-SBRT3M40P1 Datasheet
508Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®123
December 2014
SBRT20U60SP5 DIODES-SBRT20U60SP5 Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5
April 2015
SBRT20M60SP5 DIODES-SBRT20M60SP5 Datasheet
464Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5
April 2015
SBRT40M80CTB DIODES-SBRT40M80CTB Datasheet
628Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
March 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com