Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4946EY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4946EY-T1
Description  Dual N-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946EY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4946EY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4946EY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4946EY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4946EY-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4946EY
Vishay Siliconix
www.vishay.com
2-2
Document Number: 70157
S-03950—Rev. D, 26-May-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
2
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 55_C
25
mA
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 4.5 A
0.045
0.055
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 3.9 A
0.055
0.075
W
Forward Transconductanceb
gfs
VDS = 15 V, ID = 4.5 A
13
S
Diode Forward Voltageb
VSD
IS = 2 A, VGS = 0 V
0.9
1.2
V
Dynamica
Total Gate Charge
Qg
19
30
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 10 V, ID = 4.5 A
4
nC
Gate-Drain Charge
Qgd
3
Gate Resistance
Rg
1
3.6
W
Turn-On Delay Time
td(on)
13
20
Rise Time
tr
VDD = 30 V, RL = 30 W
11
20
Turn-Off Delay Time
td(off)
VDD = 30 V, RL = 30 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
36
60
ns
Fall Time
tf
11
20
Source-Drain Reverse Recovery Time
trr
IF = 2 A, di/dt = 100 A/ms
35
60
Notes
a.
For design aid only; not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.


Similar Part No. - SI4946EY-T1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4946EY-T1-E3 VBSEMI-SI4946EY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SI4946EY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUP75N06-07L VISHAY-SUP75N06-07L Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. F, 10-Dec-00
SUP60N06-18 VISHAY-SUP60N06-18 Datasheet
72Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. D, 24-Feb-98
SUP70N06-14 VISHAY-SUP70N06-14 Datasheet
56Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM60N06-15 VISHAY-SUM60N06-15 Datasheet
63Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 24-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com