Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZXGD3110N8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3110N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3110N8 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXGD3110N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ZXGD3110N8
Document Number DS37336 Rev. 1 - 2
6 of 11
www.diodes.com
December 2015
© Diodes Incorporated
ZXGD3110N8
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VAVDD
Internal Regulator Output
VCC = 5.5V
4.5
V
VCC = 12V
4.7
V
ICCSTART
Supply Current (Undervoltage)
VCC = 2.6V
160
220
µA
ICCON
Supply Current (Enabled)
VCC = 5.5V, FSW = 100kHz
CGATE = 0pF
1.5
1.8
mA
VCC = 12V, FSW = 100kHz
CGATE = 0pF
1.8
2.2
VCC = 5.5V, FSW = 100kHz
CGATE = 3,300pF
3.2
4
VCC = 12V, FSW = 100kHz
CGATE = 3,300pF
5
7
Undervoltage Lockout (UVLO)
UVLOTH
VCC Undervoltage Lockout Threshold Rising
2.8
3.0
3.20
V
UVLOHYS
VCC Undervoltage Lockout Threshold
Hysteresis
200
mV
MOSFET Voltage Sensing
VTHARM
Gate Re-Arming Threshold
VD to GND, Rising
-1.3
-1.5
-1.7
V
VTHON
Gate Turn-On Threshold
(VD-VS) Falling, VS = 0V
-220
-150
-80
mV
VTHOFFLV
Gate Turn-Off Threshold
(VD-VS) Rising, VS = 0V, VCC <
4.3V
-30
-20
-10
mV
VTHOFFHV
Gate Turn-Off Threshold
(VD-VS) Rising, VS = 0V, VCC >
4.3V
-10
-4
-1
mV
TD(ON)
Gate Turn-On Propagation Delay
From VTHON to Gate > 1V
30
52
ns
TD(OFF)
Gate Turn-Off Propagation Delay
From VTHOFF to Gate < 4V
30
62
ns
Minimum On-Time
TON-LR
Minimum On-Time Low Resistance
RTON = 8.25kΩ
0.26
0.34
0.42
µs
TON-HR
Minimum On-Time High Resistance
RTON = 100kΩ
2.2
3
3.8
µs
Synchronization
VTHSYNC
SYNC Falling Threshold
Gate Output from High to Low
VAVDD-2.4
VAVDD-2.0
VAVDD-1.6
V
TSDLY
SYNC Propagation Delay (Note 8)
SYNC Falling to Gate Falling
10%, 4.5V < VCC < 5.5V
40
ns
RSYNC
SYNC Pull Up Resistance (Note 8)
Internal Resistance from SYNC
to VCC, 4.5V < VCC < 5.5V
2.0
k


Similar Part No. - ZXGD3110N8

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3111N7TC DIODES-ZXGD3111N7TC Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3111N8TC DIODES-ZXGD3111N8TC Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
   ACTIVE OR-ING MOSFET CONTROLLER
More results

Similar Description - ZXGD3110N8

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3107N8 DIODES-ZXGD3107N8 Datasheet
601Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8 DIODES-ZXGD3103N8_15 Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8_16 Datasheet
379Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3113W6 DIODES-ZXGD3113W6 Datasheet
457Kb / 8P
   SYNCHRONOUS MOSFET CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com