Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZXGD3110N8 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXGD3110N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3110N8 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXGD3110N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3110N8 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ZXGD3110N8
Document Number DS37336 Rev. 1 - 2
10 of 11
www.diodes.com
December 2015
© Diodes Incorporated
ZXGD3110N8
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
SO-8
Dim
Min
Max
A
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
0.35
L
0.62
0.82

All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
X
C1
C2
Y
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
SO-8
SO-8


Similar Part No. - ZXGD3110N8

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3111N7TC DIODES-ZXGD3111N7TC Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3111N8TC DIODES-ZXGD3111N8TC Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
   ACTIVE OR-ING MOSFET CONTROLLER
More results

Similar Description - ZXGD3110N8

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3107N8 DIODES-ZXGD3107N8 Datasheet
601Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8 DIODES-ZXGD3103N8_15 Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8_16 Datasheet
379Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3113W6 DIODES-ZXGD3113W6 Datasheet
457Kb / 8P
   SYNCHRONOUS MOSFET CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com