Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2300-12GV5 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC2300-12GV5
Description  400mA Synchronous PWM Step-Down
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2300-12GV5 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC2300-12GV5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2300-12GV5 Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AIC2300
8
APPLICATION INFORMATION
Operation
The AIC2300 is a low-noise step-down DC/DC
converter with current-mode PWM control architecture.
It features an internal synchronous rectifier, which
eliminates the external Schottky diode and increases
efficiency. During normal operation, the AIC2300 can
regulate its output voltage through a feedback control
circuit, which is composed of an error amplifier; a
current
comparator
and
several
control
signal
generators. By comparing the feedback voltage to the
reference voltage of 0.6V, the error amplifier varies its
output voltage. The output voltage of the error amplifier
is compared with the summing signal of current
sensing signal and slope compensation signal to
determine the duty cycle of internal main power switch
(P-channel MOSFET). While the main power switch is
turned on, the synchronous power switch (N-channel
MOSFET) will be turned off through anti-short-through
block. Similarly, when the main power switch is turned
off, the synchronous power switch will be turned on
until the inductor current starts to reverse or the
beginning of the next switching cycle. In order to
achieve better efficiency and prevent overcharging the
output capacitor.
Current Limitation
The AIC2300 provides current limit function by using
an internal sensing resistor. When the main power
switch turns on, current follows through the internal
sensing resistor. And current amplifier senses the
voltage, which crosses the resistor, and amplifies it.
While the sensed voltage gets higher than reference
voltage, the current limitation function is activated.
While the current limitation function is activated, the
duty cycle will be reduced to limit the output power to
protect the internal power switches.
Short Circuit Protection
While the output is shorted to ground, the switching
frequency of AIC2300 will be reduced to one third of
the normal switching frequency. This lower switching
frequency ensures the inductor current has more time
to discharge, thereby preventing inductor current
runaway. The switching frequency will automatically
return to its designed value while short circuit condition
is released.
Shutdown
By connecting the EN pin to GND, the AIC2300 can be
shut down to reduce the supply current to 0.1
A
(typical). At this operation mode, the output voltage of
step-down converter is equal to 0V.
100% Duty Cycle Operation
When the input voltage approaches the output voltage,
the AIC2300 smoothly transits to 100% duty cycle
operation. This allows AIC2300 to regulate the output
voltage until AIC2300 completely enters 100% duty
cycle operation. In 100% duty cycle mode, the output
voltage is equal to the input voltage minus the voltage,
which is the drop across the main power switch.
The AIC2300 achieves 100% duty cycle operation by
extending the turn-on time of the main power switch. If
the summing signal of current sensing signal and slope
compensation signal does not reach the output voltage
level of the error amplifier at the end of 90% switching
period, the main power switch is continuously turned
on and the oscillator remains off until the summing
signal
of
current
sensing
signal
and
slope
compensation signal reaches the output voltage level
of the error amplifier. After the summing signal of
current sensing signal and slope compensation signal
reaches the output voltage level of the error amplifier,
the
main
power
switch
is
turned
off
and
the
synchronous power switch is turned on for a constant
off time. At the end of the constant off time, the next
switching cycle is begun. While the input voltage
approaches
the
output
voltage,
the
switching


Similar Part No. - AIC2300-12GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-10GV5 AIC-AIC2302-10GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-12GV5 AIC-AIC2302-12GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-18GV5 AIC-AIC2302-18GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-33GV5 AIC-AIC2302-33GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
More results

Similar Description - AIC2300-12GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com