Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2309 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC2309
Description  1A Dual Synchronous Step-down DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2309 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC2309 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2309 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC2309
2
Fig. 2 Fixed Output Voltage Step-Down DC/DC Converter


Similar Part No. - AIC2309

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2309

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20059 MAXIM-MAX20059 Datasheet
621Kb / 17P
   72V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com