Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251
Description  CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD251 Datasheet HTML 4Page - Texas Instruments SN65HVD251 Datasheet HTML 5Page - Texas Instruments SN65HVD251 Datasheet HTML 6Page - Texas Instruments SN65HVD251 Datasheet HTML 7Page - Texas Instruments SN65HVD251 Datasheet HTML 8Page - Texas Instruments SN65HVD251 Datasheet HTML 9Page - Texas Instruments SN65HVD251 Datasheet HTML 10Page - Texas Instruments SN65HVD251 Datasheet HTML 11Page - Texas Instruments SN65HVD251 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
CANH
CANL
R
100 W
D at 0 V
or VCC
RS at 0 V or VCC
Pulse Generator
15 ms Duration
1% Duty Cycle
tr, tr 3 100 ns
D
R
Rs
CANH
CANL
DUT
+
_
0 V
60 W + 1%
0 V
VI
VO
15 pF + 20%
VCC
VOH
VOL
0.3 VCC
0.3 VCC
ten
0.7 VCC
VI
VO
SN65HVD251
SLLS545B – NOVEMBER 2002 – REVISED SEPTEMBER 2003
PARAMETER MEASUREMENT INFORMATION (continued)
A.
This test is conducted to test survivability only. Data stability at the R output is not specified.
Figure 7. Test Circuit, Transient Over-Voltage Test
Table 1. Receiver Characteristics Over Common Mode Voltage
INPUT
MEASURED
OUTPUT
VCANH
VCANL
|VID|
R
12 V
11.1 V
900 mV
L
-6.1 V
-7 V
900 mV
L
VOL
-1 V
-7 V
6 V
L
12 V
6 V
6 V
L
-6.5 V
-7 V
500 mV
H
12 V
11.5 V
500 mV
H
-7 V
-1 V
6 V
H
VOH
6 V
12 V
6 V
H
open
open
X
H
Figure 8. ten Test Circuit and Voltage Waveforms
8


Similar Part No. - SN65HVD251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com