Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2302-18GV5 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC2302-18GV5
Description  700mA Synchronous PWM Step-Down
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2302-18GV5 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC2302-18GV5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2302-18GV5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AIC2302
2
Fig. 2 Adjustable Step-Down DC/DC Converter
ORDERING INFORMATION
Ex am ple:
AIC2 302-3 3G V5TR
 3.3 V O utp ut V ersion ,
in S OT-23 -5 G re en P ac k age
& Tape & Re el Pac k in g Ty pe
AIC2 302G V 5TR
 Ad justa ble Ve rsio n,
in S OT-23 -5 G re en P ac k age
& Tape & Re el Pac k in g Ty pe
P IN CO NFIG UR ATIO N
TOP VIEW
VOU T
GN D
EN
3
2
1
4
5
LX
AI C2302 -XX X XX XX
PACKING TYPE
TR: T APE & REEL
BG: BAG
PACKAG E TYPE
V5: S O T-2 3-5
G: Green Pa ck ag e
O UTP UT VO LTA G E
DE FA ULT: Adj.
-10: 1.0V
-12 : 1.2 V
-18 : 1.8 V
-33 : 3.3 V
Fixed version
TOP V IEW
FB
GND
EN
3
2
1
4
5
LX
A djusta ble ve rsion
VIN
VIN
SOT -23-5
SOT-23-5


Similar Part No. - AIC2302-18GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2302-18GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com