Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2359 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC2359
Description  1A Dual Synchronous Step-down DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2359 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC2359 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2359 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AIC2359
9
APPLICATION INFORMATION
Operation
The AIC2359 is a low-noise step-down DC/DC converter
with current-mode PWM/PSM control architecture. It
features
an
internal
synchronous
rectifier,
which
eliminates the external Schottky diode and increases
efficiency. During normal operation, the AIC2359 can
regulate its output voltage through a feedback control
circuit, which is composed of an error amplifier; a current
comparator and several control signal generators. By
comparing the feedback voltage to the reference voltage
of 0.6V, the error amplifier varies its output voltage. The
output voltage of the error amplifier is compared with the
summing signal of current sensing signal and slope
compensation signal to determine the duty cycle of
internal main power switch (P-channel MOSFET). While
the main power switch is turned on, the synchronous
power switch (N-channel MOSFET) will be turned off
through anti-short-through block. Similarly, when the main
power switch is turned off, the synchronous power switch
will be turned on until the inductor current starts to reverse
or the beginning of the next switching cycle. In order to
achieve better efficiency and prevent overcharging the
output capacitor, AIC2359 will enter pulse-skipping-
modulated mode (PSM) operation while working at light
load conditions.
Current Limitation
The AIC2359 provides current limit function by using an in-
ternal sensing resistor. When the main power switch turns
on, current follows through the internal sensing resistor. And
current amplifier senses the voltage, which crosses the re-
sistor, and amplifies it. While the sensed voltage gets higher
than reference voltage, the current limitation function is acti-
vated. While the current limitation function is activated, the
duty cycle will be reduced to limit the output power to protect
the internal power switches.
Short Circuit Protection
While the output is shorted to ground, the switching
frequency of AIC2359 will be reduced to one third of the
normal
switching
frequency.
This
lower
switching
frequency ensures the inductor current has more time to
discharge, thereby preventing inductor current runaway.
The switching frequency will automatically return to its
designed value while short circuit condition is released.
Shutdown
By connecting the EN pin to GND, the AIC2359 can be
shut down to reduce the supply current to 0.1
A (typical).
 
At this operation mode, the output voltage of step-down
converter is equal to 0V.
100% Duty Cycle Operation
When the input voltage approaches the output voltage,
the AIC2359 smoothly transits to 100% duty cycle
operation. This allows AIC2359 to regulate the output
voltage until AIC2359 completely enters 100% duty cycle
operation. In 100% duty cycle mode, the output voltage is
equal to the input voltage minus the voltage, which is the
drop across the main power switch.
The AIC2359 achieves 100% duty cycle operation by ex-
tending the turn-on time of the main power switch. If the
summing signal of current sensing signal and slope com-
pensation signal does not reach the output voltage level of
the error amplifier at the end of 90% switching period, the
main power switch is continuously turned on and the oscilla-
tor remains off until the summing signal of current sensing
signal and slope compensation signal reaches the output
voltage level of the error amplifier. After the summing signal
of current sensing signal and slope compensation signal
reaches the output voltage level of the error amplifier,
the main power switch is turned off and the synchronous
power switch is turned on for a constant off time. At the end
of the constant off time, the next switching cycle is begun.
While the input voltage approaches the output voltage, the
switching frequency decreases gradually to smoothly transit
to 100% duty cycle operation.


Similar Part No. - AIC2359

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
More results

Similar Description - AIC2359

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
   1A Dual Synchronous Step-down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20059 MAXIM-MAX20059 Datasheet
621Kb / 17P
   72V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com