Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2362 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC2362
Description  2A 550k/1.1MHz Synchronous PWM/PSM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2362 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC2362 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2362 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AIC2362
2A 550k/1.1MHz Synchronous PWM/PSM
Step-Down Converter with High Light-load Efficiency
Analog Integrations Corporation
Si-Soft Research Center
DS-2362G-05 20150122
3A1, 1 Li-Hsin 1
st Rd., Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
2.5V to 6V Input Voltage Range
Adjustable Output Voltage from 0.8V to Vin
2.0A Guaranteed Output Current
93% Efficiency at Heavy Load
(Vin=5V, Vout=3.3V, Iout=2.0A)
96% Efficiency at Moderate Load
(Vin=5V, Vout=3.3V, Iout=1.0A)
90% Efficiency at Light Load
(Vin=5V, Vout=3.3V, Iout=20mA)
Low RDS(ON) Internal Switches: 110mΩ
No Schottky Diode Required
100% Duty Cycle in Low Dropout Operation
Fixed 550k/1.1MHz Operating Frequency
Optional Soft-Start Internal Fixed 1ms Soft-
Start
APPLICATIONS
LCD TV
Portable Products
Wireless and DSL Modems
Solid-State Drives
Battery-Operated Devices (1 Li-Ion or 3
NiMH/ NiCd)
DESCRIPTION
The
AIC2362
is
a
low-noise,
pulse-width-
modulated (PWM), DC-DC step-down converter.
The device features an internal synchronous
rectifier for high efficiency; it requires no external
Schottky diode. The AIC2362 is ideally suited for
Li-Ion battery applications. Automatic PWM/PSM
mode
extends
battery
life
and
enhance
efficiency by switching to a pulse-skipping-
modulated mode during light load. Shutdown
mode places the device in standby, reducing
supply current to under 2µA.
Other features of the AIC2362 include high
efficiency for all load range, low dropout voltage,
short circuit protection, and over temperature
protection.
APPLICATIONS CIRCUIT
VIN
8
VCC
1
EN
5
PGND
6
GND
3
REF
2
FB
4
LX
7
AIC2362
10Ω
R1
50kΩ
R2
16kΩ
R3
2.2uH
L1
0.1uF
C4
22uF
C3
10uF
C1
0.1uF
C2
VOUT
VIN
ON
OFF
5V
3.3V
Typical Application Circuit


Similar Part No. - AIC2362

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2363 AIC-AIC2363 Datasheet
293Kb / 13P
   3.2A 550k/1.1MHz Synchronous PWM/PSM
AIC2364 AIC-AIC2364 Datasheet
379Kb / 12P
   4A Synchronous PWM/PSM Step-Down
More results

Similar Description - AIC2362

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2363 AIC-AIC2363 Datasheet
293Kb / 13P
   3.2A 550k/1.1MHz Synchronous PWM/PSM
AIC2322 AIC-AIC2322 Datasheet
264Kb / 9P
   2A 550k/1.1MHz Synchronous PWM
AIC2323 AIC-AIC2323 Datasheet
292Kb / 13P
   3.2A 550k/1.1MHz Synchronous PWM
AIC2862 AIC-AIC2862 Datasheet
536Kb / 9P
   2A 23V Synchronous PWM/PSM Step-Down
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
logo
Monolithic Power System...
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
   2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
Analog Intergrations Co...
AIC2364 AIC-AIC2364 Datasheet
379Kb / 12P
   4A Synchronous PWM/PSM Step-Down
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
   3A 23V Synchronous PWM/PSM Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com