Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD22 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD22
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD22 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD22 Datasheet HTML 1Page - Texas Instruments SN65HVD22 Datasheet HTML 2Page - Texas Instruments SN65HVD22 Datasheet HTML 3Page - Texas Instruments SN65HVD22 Datasheet HTML 4Page - Texas Instruments SN65HVD22 Datasheet HTML 5Page - Texas Instruments SN65HVD22 Datasheet HTML 6Page - Texas Instruments SN65HVD22 Datasheet HTML 7Page - Texas Instruments SN65HVD22 Datasheet HTML 8Page - Texas Instruments SN65HVD22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
EXTENDED COMMONMODE RS485 TRANSCEIVERS
FEATURES
D Common-Mode Voltage Range (−20 V to 25 V)
More Than Doubles TIA/EIA-485 Requirement
D Receiver Equalization Extends Cable Length,
Signaling Rate (HVD23, HVD24)
D Reduced Unit-Load for up to 256 Nodes
D Bus I/O Protection to Over 16-kV HBM
D Failsafe Receiver for Open-Circuit,
Short-Circuit and Idle-Bus Conditions
D Low Standby Supply Current 1-µA Max
D More Than 100 mV Receiver Hysteresis
APPLICATIONS
D Long Cable Solutions
Factory Automation
Security Networks
Building HVAC
D Severe Electrical Environments
Electrical Power Inverters
Industrial Drives
Avionics
DESCRIPTION
The transceivers in the HVD2x family offer performance
far exceeding typical RS−485 devices. In addition to
meeting all requirements of the TIA/EIA−485−A standard,
the HVD2x family operates over an extended range of
common-mode voltage, and has features such as high
ESD protection, wide receiver hysteresis, and failsafe
operation. This family of devices is ideally suited for
long-cable networks, and other applications where the
environment is too harsh for ordinary transceivers.
These devices are designed for bidirectional data
transmission on multipoint twisted-pair cables. Example
applications are digital motor controllers, remote sensors
and terminals, industrial process control, security stations,
and environmental control systems.
These devices combine a 3-state differential driver and a
differential receiver, which operate from a single 5-V power
supply. The driver differential outputs and the receiver
differential inputs are connected internally to form a
differential bus port that offers minimum loading to the bus.
This port features an extended common-mode voltage
range
making
the
device
suitable
for
multipoint
applications over long cable runs.
−20 V
+25 V
−7 V
+12 V
SUPER−485
RS−485
−20 V
−15 V
−10 V
−5 V
0
5 V
10 V
15 V
20 V
25 V
HVD2x Devices Operate Over a Wider Common-Mode Voltage Range
0.1
1
10
100
10
100
1000
HVD20
HVD23
HVD24
HVD21
HVD22
Cable Length − m
HVD2x APPLICATION SPACE
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2003, Texas Instruments Incorporated


Similar Part No. - SN65HVD22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD22 TI-SN65HVD22 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD22 TI-SN65HVD22 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD22 TI-SN65HVD22 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD22 TI1-SN65HVD22 Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
SN65HVD22D TI-SN65HVD22D Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com