Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2510PM5 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC2510PM5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510PM5 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC2510PM5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2510PM5 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AIC2510
7
PIN DESCRIPTIONS
PIN 1: IN
Supply voltage input for the IC
switching regulator. A suitable input
bypass capacitor must be present
at this pin to minimize voltage
transients
and
to
supply
the
switching currents needed by the
regulator.
PIN 2: OUT
Internal switch. The voltage at this
pin switches between (VIN-VSAT)
and approximately -0.5V, with a
duty
cycle
of
approximately
VOUT/VIN.
PIN 3: GND
Ground requires a short, low noise
connection to ensure good load
regulation.
PIN 4: FB
Feedback input for fixed-output or
adjustable-output version. Connect
directly to output for fixed operation
version or to a resistor divider for
adjustable operation versions.
PIN 5:
OFF
/
ON
Allows
the
switching
regulator
circuit to be shutdown using logic
level signals thus dropping the total
input
supply
current
to
approximately 80µA. Drive it high
to disable the reference, control
circuitry
and
internal
switches.
Drive low or connect to GND for
normal operation.
APPLICATION INFORMATION
Thermal considerations
The AIC2510 is available with TO-220-5, TO220B
and TO-263-5 packages. The TO-220-5 and
TO220B packages need a heat sink in most
conditions. The TO-263-5 package is designed to
be soldered to the copper on a printed circuit
board. The printed circuit board is the heat sink for
TO-263-5 package and other heat components,
such as inductors and diodes. The size of the heat
sink depends on the power loss of AIC2510 and
the ambient temperature. The power loss of
AIC2510 is determined by input voltage, output
voltage and load current. The Fig.4 represents the
curve of the AIC2510 case temperature in different
conditions.
The curve shows the AIC2510 temperature rises
above ambient temperature for a 3A load with
different input and output voltage. The values of
the temperature rise, which are affected by factors
such as sink size, heat produced from heat
components, and etc., may be different from those
in Fig.8 depending on the conditions of the
application. According to the equation 1, as the
power loss or ambient temperature is rising the
heat sink size must be increased to decrease the
thermal resistance (
jA
R
θ
) so that the junction
temperature does not over 125 C. An appropriate
increase of heat sink size may result in a normal-
ranged junction temperature.
jA
A
j
D
R
T
T
P
θ
=
As junction temperature rises to its temperature
protect point, the AIC2510 will stop working.
Output voltage drops to zero until the junction
temperature decreases to a normal range.


Similar Part No. - AIC2510PM5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510PM5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com