Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2510-50PT5 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC2510-50PT5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510-50PT5 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC2510-50PT5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2510-50PT5 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AIC2510
10
PHYSICAL DIMENSIONS(Continued) (unit: mm)
TO-220B
Note : Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
φ
E
L
L1
b
e1
e
d
D
E1
E1
D
1
F
A
C
A1
A2
9.880
3.708
0.304
1.143
8.250
4.250
9.906
8.480
0.690
L
F
e1
e
A2
D1
E1
A1
E
D
C
b
3.962
10.64
7.112
1.397
8.550
0.530
4.550
10.44
9.300
0.940
4.318
MIN.
S
Y
M
B
O
L
A
4.826
MAX.
TO-220B
MILLIMETERS
d
6.604
L1
9.090
9.850
φ
4.953
5.220
3.556(REF)
2.743(REF)
1.524
2.032


Similar Part No. - AIC2510-50PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510-50PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com