Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251DR
Description  CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251DR Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD251DR Datasheet HTML 1Page - Texas Instruments SN65HVD251DR Datasheet HTML 2Page - Texas Instruments SN65HVD251DR Datasheet HTML 3Page - Texas Instruments SN65HVD251DR Datasheet HTML 4Page - Texas Instruments SN65HVD251DR Datasheet HTML 5Page - Texas Instruments SN65HVD251DR Datasheet HTML 6Page - Texas Instruments SN65HVD251DR Datasheet HTML 7Page - Texas Instruments SN65HVD251DR Datasheet HTML 8Page - Texas Instruments SN65HVD251DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD251
SLLS545B – NOVEMBER 2002 – REVISED SEPTEMBER 2003
THERMAL CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
VALUE
UNITS
MIN
TYP
MAX
D
44.6
Θ
JC
Junction-to-board thermal resistance
°C/W
P
54.5
VCC = 5 V, Tj = 27 °C, RL = 60Ω,
97.7
mW
RS at 0 V, Input to D a 500-kHz
50% duty cycle square wave
PD
Device power dissipation
VCC = 5.5 V, Tj = 130°C, RL = 60Ω,
142
mW
RS at 0 V, Input to D a 500-kHz 50%
duty cycle square wave
TSD
Thermal shutdown junction temperature
165
°C
over recommended operating conditions (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5.5
V
Voltage at any bus terminal (separately or common mode) VI or VIC
-7(1)
12
V
High-level input voltage, VIH
D input
0.7 VCC
V
Low-level input voltage, VIL
D input
0.3 VCC
V
Differential input voltage, VID
-6
6
V
Input voltage to Rs, VI(Rs)
0
VCC
V
Input voltage at Rs for standby, VI(Rs)
0.75 VCC
VCC
V
Rs wave-shaping resistance
0
100
k
Driver
-50
High-level output current, IOH
mA
Receiver
-4
Driver
50
Low-level output current, IOL
mA
Receiver
4
Operating free-air temperature, TA
-40
125
°C
PDIP Package
145
Junction temperature, Tj
°C
SOIC Package
150
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CANH
2.75
3.5
4.5
Figure 1 & Figure 2 ,
VO(D)
Bus output voltage (Dominant)
D at 0 V Rs at 0 V
CANL
0.5
2
V
CANH
2
2.5
3
Bus output voltage
Figure 1 & Figure 2 , D at
VO(R)
(Recessive)
0.7VCC , Rs at 0 V
CANL
2
2.5
3
VOD(D)
Differential output voltage (Dominant)
Figure 1 , D at 0 V, Rs at 0 V
1.5
2
3
V
VOD(D)
Differential output voltage (Dominant)
Figure 2 & Figure 3 , D at 0 V,
1.2
2
3.1
V
Rs at 0 V
VOD(R)
Differential output voltage (Recessive)
Figure 1 & Figure 2 , D at 0.7
-120
12
mV
VCC
VOD(R)
Differential output voltage (Recessive)
D at 0.7 VCC, no load
-0.5
0.05
V
VOC(pp)
Peak-to-peak common-mode output voltage
Figure 9, Rs at 0 V
600
mV
IIH
High-level input current, D Input
D at 0.7 VCC
-40
0
µA
IIL
Low-level input current, D Input
D at 0.3 VCC
-60
0
µA
(1)
All typical values are at 25
°C and with a 5-V supply.
3


Similar Part No. - SN65HVD251DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251DR TI-SN65HVD251DR Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DR TI-SN65HVD251DR Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DR TI1-SN65HVD251DR Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
SN65HVD251DRG4 TI-SN65HVD251DRG4 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DRG4 TI-SN65HVD251DRG4 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251DR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com