Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2510-12PB5 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC2510-12PB5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510-12PB5 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC2510-12PB5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AIC2510
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
3A
1A
TJ (
oC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
100
oC
-40
oC
25
oC
Switch Current (A)
Fig.7 Dropout voltage vs. Temperature
Fig.8 Switching saturation voltage vs. switch current
-60
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
ON
OFF
TJ (
oC)
-60
-40
-20
0
20
40
60
80
100
120
140
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
I
LOAD
=120mA
V
FB
=1.23V
TJ (
oC)
Fig.9 ON/OFF threshold voltage vs. Temperature
Fig.10 Minimum Operating supply voltage vs. Temperature
(ADJ only)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
oC < TJ < 125oC
VIN = 30V
ON/OFF Pin Voltage (Volt)
3A
IOUT
0.1A
VOUT
100mV/div
VIN=12V
VOUT=5V
Fig.11
OFF
/
ON
Pin Current (sinking) vs. Temperature
Fig.12 Load transient response


Similar Part No. - AIC2510-12PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510-12PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com