Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2510-12PB5 Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC2510-12PB5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510-12PB5 Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC2510-12PB5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2510-12PB5 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AIC2510
11
TO-220-5L
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any
circuitry other than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties
that may result from its use. We reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices
or systems are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and
whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
φ
E
d
D
E1
E1
A
L
D
1
F
A1
e
b
C
Note : Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
3.429
3.683
2.620
2.870
1.524
2.032
13.589
3.708
0.304
1.143
2.032
9.779
7.620
0.635
L
F
e
D1
E1
A1
E
D
C
b
3.962
14.351
1.397
0.460
2.921
10.668
9.398
1.016
4.064
MIN.
S
Y
M
B
O
L
A
4.826
MAX.
TO-220-5L
MILLIMETERS
d
φ
4.953
5.220


Similar Part No. - AIC2510-12PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510-12PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com