Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCAH164245GR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCAH164245GR
Description  16 BIT DUAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCAH164245GR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVCAH164245GR Datasheet HTML 3Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 4Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 5Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 6Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 7Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 8Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 9Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 10Page - Texas Instruments SN74AVCAH164245GR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74AVCAH164245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES396A − JULY 2002 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (continued)
(unless otherwise noted) (see Note 9)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP†
MAX
UNIT
1.6 V
1.6 V
20
1.95 V
1.95 V
20
ICCA
VI = VCCI or GND,
IO = 0
2.7 V
2.7 V
30
A
ICCA
VI = VCCI or GND,
IO = 0
0 V
3.6 V
−40
µA
3.6 V
0 V
40
3.6 V
3.6 V
40
1.6 V
1.6 V
20
1.95 V
1.95 V
20
ICCB
VI = VCCI or GND,
IO = 0
2.7 V
2.7 V
30
A
ICCB
VI = VCCI or GND,
IO = 0
0 V
3.6 V
40
µA
3.6 V
0 V
−40
3.6 V
3.6 V
40
Ci
Control inputs
VI = 3.3 V or GND
3.3 V
3.3 V
4
pF
Cio
A or B ports
VO = 3.3 V or GND
3.3 V
3.3 V
5
pF
† All typical values are at TA = 25°C.
NOTE 9: VCCI is the VCC associated with the input port.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
B
1.7
6.7
1.9
6.3
1.8
5.5
1.7
5.8
ns
tpd
B
A
1.8
6.8
2.2
7.4
2.1
7.6
2.1
7.3
ns
ten
OE
A
2.6
8.4
2.7
8.2
2.3
6.3
2.1
5.6
ns
ten
OE
B
2.7
8.6
3.2
10.2
3.2
10.8
3.2
10.7
ns
tdis
OE
A
2.1
7
2.5
7
1.7
5.3
2
6.1
ns
tdis
OE
B
2.1
7.1
2.5
7.1
2.1
6.5
2.1
6.4
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
B
1.7
6.4
1.8
6
1.7
4.7
1.6
4.3
ns
tpd
B
A
1.4
5.5
1.8
6
1.8
5.8
1.8
5.5
ns
ten
OE
A
2.5
8
2.7
7.8
2.2
5.8
2
5.1
ns
ten
OE
B
1.8
6.7
2.7
7.8
2.7
8.1
2.7
8.1
ns
tdis
OE
A
2.1
6.4
2.5
6.4
1.5
4.5
1.8
5
ns
tdis
OE
B
2.1
6.6
2.5
6.4
2
5.5
2
5.5
ns


Similar Part No. - SN74AVCAH164245GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCAH164245GR TI-SN74AVCAH164245GR Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245GR TI-SN74AVCAH164245GR Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245GR TI-SN74AVCAH164245GR Datasheet
500Kb / 18P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245GR TI1-SN74AVCAH164245GR Datasheet
848Kb / 19P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCAH164245GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com