Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G57 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G57
Description  CONFIGURABLE MULTIPLE FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G57 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G57 Datasheet HTML 3Page - Texas Instruments SN74LVC1G57 Datasheet HTML 4Page - Texas Instruments SN74LVC1G57 Datasheet HTML 5Page - Texas Instruments SN74LVC1G57 Datasheet HTML 6Page - Texas Instruments SN74LVC1G57 Datasheet HTML 7Page - Texas Instruments SN74LVC1G57 Datasheet HTML 8Page - Texas Instruments SN74LVC1G57 Datasheet HTML 9Page - Texas Instruments SN74LVC1G57 Datasheet HTML 10Page - Texas Instruments SN74LVC1G57 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN74LVC1G57
CONFIGURABLE MULTIPLEFUNCTION GATE
SCES414G − NOVEMBER 2002 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V∆
VOH − V∆
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V∆
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
Figure 6. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G57DBVR TI1-SN74LVC1G57DBVR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRE4 TI1-SN74LVC1G57DBVRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRG4 TI1-SN74LVC1G57DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKR TI1-SN74LVC1G57DCKR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKRE4 TI1-SN74LVC1G57DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com