Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898123F40XC Datasheet(PDF) 7 Page - ON Semiconductor

Part # LC898123F40XC
Description  Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123F40XC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC898123F40XC Datasheet HTML 3Page - ON Semiconductor LC898123F40XC Datasheet HTML 4Page - ON Semiconductor LC898123F40XC Datasheet HTML 5Page - ON Semiconductor LC898123F40XC Datasheet HTML 6Page - ON Semiconductor LC898123F40XC Datasheet HTML 7Page - ON Semiconductor LC898123F40XC Datasheet HTML 8Page - ON Semiconductor LC898123F40XC Datasheet HTML 9Page - ON Semiconductor LC898123F40XC Datasheet HTML 10Page - ON Semiconductor LC898123F40XC Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LC898123F40XC
www.onsemi.com
7
8. Electrical Characteristics
Absolute Maximum Rating at AVSS = 0 V, DVSS = 0 V, PGND = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VAD30 max
Ta
 25C
0.3 to +4.6
V
VM max
Ta
 25C
0.3 to +4.6
V
Input voltage
(Except
DGDATA, DGSSB, DGSCLK, DGDIN)
VAI30
Ta
 25C
0.3 to VAI30+0.3
V
Input voltage
(DGDATA, DGSSB, DGSCLK, DGDIN)
VLDO18
Ta =
30 to +85C
0.3 to +1.872
V
Storage temperature
Tstg
55 to +125
C
Operating temperature
Topr
30 to +85
C
Output continuous current
Iomax
OUT1 to 4
210
mA
OUT5, OUT6
157.5
mA
Allowable Operating Ratings at Ta = 30 to +85C, AVSS = 0 V, DVSS = 0 V, PGND = 0 V
3.0V Power Supply (AVDD30)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VAD30
2.6
2.8
3.3
V
Input voltage range
VIN
0
VAD30
V
3.0V Power Supply (VM)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage (H-Bridge PWM)
VM30
2.6
2.8
3.3
V
Power supply voltage (Constant current)
1.75
2.8
3.3
V
Input voltage range
VINM
0
VM30
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC898123F40XC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

Similar Description - LC898123F40XC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com