Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114AMX090TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP114AMX090TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114AMX090TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP114AMX090TCG Datasheet HTML 1Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 2Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 3Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 4Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 5Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 6Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 7Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 8Page - ON Semiconductor NCP114AMX090TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP114
www.onsemi.com
5
TYPICAL CHARACTERISTICS
0.1
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VIN = 3.8 V to 5.5 V
VOUT = 2.8 V
IOUT = 1 mA
CIN = 1 mF
COUT = 1 mF
Figure 9. Line Regulation vs. Temperature
VOUT = 2.8 V
20
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
Figure 10. Load Regulation vs. Temperature
VOUT = 1.2 V
20
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Load Regulation vs. Temperature
VOUT = 2.8 V
200
IOUT, OUTPUT CURRENT (mA)
0
Figure 12. Dropout Voltage vs. Output Current
VOUT = 2.8 V
50
100
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
250
TJ, JUNCTION TEMPERATURE (°C)
−40
Figure 13. Dropout Voltage vs. Temperature
−30 −20 −10 0
10
90
80
70
60
50
40
30
20
IOUT = 0 mA
IOUT = 300 mA
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
800
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Dropout Voltage vs. Temperature
−40 −30 −20 −10 0
10
90
80
70
60
50
40
30
20
VIN = VOUT(nom) + 1 V or 2.5 V
VOUT = 90% VOUT(nom)
CIN = 1 mF
COUT = 1 mF
VIN = 2.5 V
VOUT = 1.2 V
IOUT = 1 mA to 300 mA
CIN = 1 mF
COUT = 1 mF
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.1
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 1 mA to 300 mA
CIN = 1 mF
COUT = 1 mF
−40
90
80
−30 −20 −10
0
10
20 30
40
50 60 70
250
300
TJ = 85°C
TJ = −40°C
TJ = 25°C
IOUT = 100 mA
750
700
650
600
550
500
450
400
350
300
VOUT = 2.8 V
VOUT = 1.2 V
18
16
14
12
10
8
6
4
2
0
18
16
14
12
10
8
6
4
2
0
180
160
140
120
100
80
60
40
20
0
225
200
175
150
125
100
75
50
25
0
150
200


Similar Part No. - NCP114AMX090TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114AMX090TCG ONSEMI-NCP114AMX090TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114AMX090TCG ONSEMI-NCP114AMX090TCG Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114AMX090TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com