Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1207ADR2G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1207ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1207ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP1207A, NCP1207B
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Max TJ = 150°C,
VCC = 11 V unless otherwise noted)
Rating
Pin
Symbol
Min
Typ
Max
Unit
DYNAMIC SELF−SUPPLY
VCC Increasing Level at which the Current Source Turns−off
6
VCCOFF
10.8
12
12.9
V
VCC Decreasing Level at which the Current Source Turns−on
6
VCCON
9.1
10
10.6
V
VCC Decreasing Level at which the Latchoff Phase Ends
6
VCClatch
5.3
V
VCC Level at which Output Pulses are Disabled
6
UVLO
VCCON
−200mV
V
Internal IC Consumption, No Output Load on Pin 5,
FSW = 60 kHz
6
ICC1
1.0
1.3
(Note 2)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 60 kHz
6
ICC2
1.6
2.0
(Note 2)
mA
Internal IC Consumption in Latchoff Phase
6
ICC3
330
mA
INTERNAL STARTUP CURRENT SOURCE (TJ u 0°C)
High−voltage Current Source, VCC = 10 V
8
IC1
4.3
7.0
9.6
mA
High−voltage Current Source, VCC = 0
8
IC2
8.0
mA
DRIVE OUTPUT
Output Voltage Rise−time @ CL = 1.0 nF, 10−90% of Output Signal
5
Tr
40
ns
Output Voltage Fall−time @ CL = 1.0 nF, 10−90% of Output Signal
5
Tf
20
ns
Source Resistance
5
ROH
12
20
36
W
Sink Resistance
5
ROL
5.0
10
19
W
CURRENT COMPARATOR (Pin 5 Unloaded)
Input Bias Current @ 1.0 V Input Level on Pin 3
3
IIB
0.02
mA
Maximum Internal Current Setpoint
3
ILimit
0.92
1.0
1.12
V
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
100
160
ns
Leading Edge Blanking Duration
3
TLEB
380
ns
Internal Current Offset Injected on the CS Pin during OFF Time
3
Iskip
200
mA
OVERVOLTAGE SECTION (VCC = 11 V)
Sampling Delay after ON Time
NCP1207A
NCP1207B
1
Tsample
4.5
1.5
ms
OVP Internal Reference Level
1
Vref
6.4
7.2
8.0
V
FEEDBACK SECTION (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Internal Pull−up Resistor
2
Rup
20
k
W
Pin 3 to Current Setpoint Division Ratio
Iratio
3.3
Internal Soft−start
Tss
1.0
ms
DEMAGNETIZATION DETECTION BLOCK
Input Threshold Voltage (Vpin 1 Decreasing)
1
Vth
35
50
90
mV
Hysteresis (Vpin 1 Decreasing)
1
VH
20
mV
Input Clamp Voltage
High State (Ipin 1 = 3.0 mA)
Low State (Ipin 1 = −2.0 mA)
1
1
VCH
VCL
8.0
−0.9
10
−0.7
12
−0.5
V
V
Demag Propagation Delay
1
Tdem
210
ns
Internal Input Capacitance at Vpin 1 = 1.0 V
1
Cpar
10
pF
Minimum TOFF (Internal Blanking Delay after TON)
NCP1207A
NCP1207B
1
Tblank
3.5
8.0
4.5
5.5
ms
Timeout After Last Demag Transition
1
Tout
5.0
ms
Pin 1 Internal Impedance
1
Rint
28
k
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Max value at TJ = 0°C.


Similar Part No. - NCP1207ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
490Kb / 21P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
September, 2022 - Rev. 15
More results

Similar Description - NCP1207ADR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com