Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD23PE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65HVD23PE4
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD23PE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD23PE4 Datasheet HTML 1Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 2Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 3Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 4Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 5Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 6Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 7Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 8Page - Texas Instruments SN65HVD23PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
5
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
0.75
V
VO
Open-circuit output voltage
A or B, No load
0
VCC
V
Steady-state differential output voltage
No load (open circuit)
3.3
4.2
VCC
VOD(SS)
Steady-state differential output voltage
magnitude
RL = 54 Ω,
See Figure 1
1.8
2.5
V
VOD(SS)
magnitude
With common-mode loading, See Figure 2
1.8
V
∆|VOD(SS)|
Change in steady-state differential output
voltage between logic states
See Figure 1 and Figure 3
−0.1
0.1
V
VOC(SS)
Steady-state common-mode output voltage
See Figure 1
2.1
2.5
2.9
V
∆VOC(SS)
Change in steady-state common-mode output
voltage, VOC(H) – VOC(L)
See Figure 1 and Figure 4
−0.1
0.1
V
VOC(PP)
Peak-to-peak common-mode output voltage,
VOC(MAX) – VOC(MIN)
RL = 54 Ω, CL = 50 pF,
See Figure 1 and Figure 4
0.35
V
VOD(RING)
Differential output voltage over and under shoot
RL = 54 Ω, CL = 50 pF, See Figure 5
10%
II
Input current
D, DE
−100
100
µA
IO(OFF)
Output current with power off
VCC < = 2.5 V
See receiver line input
IOZ
High impedance state output current
DE at 0 V
See receiver line input
current
IOS
Short-circuit output current
VO = −20 V to 25 V,
See Figure 9
−250
250
mA
COD
Differential output capacitance
See receiver CI
(1) All typical values are at VCC = 5 V and 25°C.
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
t
Differential output propagation delay, low-to- high
R = 54 ,
HVD20, HVD23
6
10
20
tPLH
Differential output propagation delay, low-to- high
RL = 54 Ω,
HVD20, HVD23
6
10
20
tPLH
Differential output propagation delay, low-to- high
RL = 54 Ω,
CL = 50 pF,
HVD21, HVD24
20
32
60
ns
t
Differential output propagation delay, high-to-low
CL = 50 pF,
See Figure 3
HVD21, HVD24
20
32
60
ns
tPHL
Differential output propagation delay, high-to-low
CL = 50 pF,
See Figure 3
HVD22
160
280
500
ns
tPHL
Differential output propagation delay, high-to-low
See Figure 3
HVD22
160
280
500
t
Differential output rise time
R = 54 ,
HVD20, HVD23
2
6
12
tr
Differential output rise time
RL = 54 Ω,
HVD20, HVD23
2
6
12
tr
Differential output rise time
RL = 54 Ω,
CL = 50 pF,
HVD21, HVD24
20
40
60
ns
t
Differential output fall time
CL = 50 pF,
See Figure 3
HVD21, HVD24
20
40
60
ns
tf
Differential output fall time
CL = 50 pF,
See Figure 3
HVD22
200
400
600
ns
tf
Differential output fall time
See Figure 3
HVD22
200
400
600
t
Propagation delay time, high-impedance-to-high-level output
HVD20, HVD23
40
tPZH
Propagation delay time, high-impedance-to-high-level output
RE at 0 V,
HVD20, HVD23
40
tPZH
Propagation delay time, high-impedance-to-high-level output
RE at 0 V,
HVD21, HVD24
100
ns
t
Propagation delay time, high-level-output-to-high-impedance
RE at 0 V,
See Figure 6
HVD21, HVD24
100
ns
tPHZ
Propagation delay time, high-level-output-to-high-impedance
See Figure 6
HVD22
300
ns
tPHZ
Propagation delay time, high-level-output-to-high-impedance
See Figure 6
HVD22
300
t
Propagation delay time, high-impedance-to-low-level output
HVD20, HVD23
40
tPZL
Propagation delay time, high-impedance-to-low-level output
RE at 0 V,
HVD20, HVD23
40
tPZL
Propagation delay time, high-impedance-to-low-level output
RE at 0 V,
HVD21, HVD24
100
ns
t
Propagation delay time, low-level-output-to-high-impedance
RE at 0 V,
See Figure 7
HVD21, HVD24
100
ns
tPLZ
Propagation delay time, low-level-output-to-high-impedance
See Figure 7
HVD22
300
ns
tPLZ
Propagation delay time, low-level-output-to-high-impedance
See Figure 7
HVD22
300
td(standby) Time from an active differential output to standby
RE at VCC, See Figure 8
2
µs
td(wake)
Wake-up time from standby to an active differential output
RE at VCC, See Figure 8
8
µs
HVD20, HVD23
2
tsk(p)
Pulse skew | tPLH – tPHL |
HVD21, HVD24
6
ns
tsk(p)
Pulse skew | tPLH – tPHL |
HVD22
50
ns
(1) All typical values are at VCC = 5 V and 25°C.


Similar Part No. - SN65HVD23PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23PE4 TI-SN65HVD23PE4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23PE4 TI-SN65HVD23PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD23PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com