Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216AD65R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1216AD65R2G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AD65R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1216AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP1216, NCP1216A
www.onsemi.com
7
5.30
5.40
5.50
5.60
5.70
5.80
5.90
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 9. VCClatch vs. Temperature
Figure 10. ICC3 vs. Temperature
0
100
200
300
400
−25
0
25
50
75
100
125
TEMPERATURE (°C)
0
5
10
15
20
25
30
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 11. Drive Sink and Source Resistance
vs. Temperature
Source
Sink
0.93
0.98
1.03
1.08
1.13
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 12. Current Sense Limit vs. Temperature
−25
0
25
50
75
100
125
1.00
1.05
1.10
1.15
1.20
TEMPERATURE (°C)
Figure 13. Vskip vs. Temperature
72.0
72.5
73.0
73.5
74.0
74.5
75.0
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 14. NCP1216 Max Duty−Cycle vs.
Temperature
50
150
250
350
NCP1216A
NCP1216
−50
−50
−50
−50
−50
−50


Similar Part No. - NCP1216AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AD65R2G ONSEMI-NCP1216AD65R2G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AD65R2G ONSEMI-NCP1216AD65R2G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
More results

Similar Description - NCP1216AD65R2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com