Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216AP65G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1216AP65G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AP65G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1216AP65G Datasheet HTML 7Page - ON Semiconductor NCP1216AP65G Datasheet HTML 8Page - ON Semiconductor NCP1216AP65G Datasheet HTML 9Page - ON Semiconductor NCP1216AP65G Datasheet HTML 10Page - ON Semiconductor NCP1216AP65G Datasheet HTML 11Page - ON Semiconductor NCP1216AP65G Datasheet HTML 12Page - ON Semiconductor NCP1216AP65G Datasheet HTML 13Page - ON Semiconductor NCP1216AP65G Datasheet HTML 14Page - ON Semiconductor NCP1216AP65G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP1216, NCP1216A
www.onsemi.com
11
the nominal switching frequency whose sweep is
synchronized with the VCC ripple. For instance, with a 2.2 V
peak−to−peak ripple, the NCP1216P065 frequency will
equal 65 kHz in the middle of the ripple and will increase as
VCC rises or decrease as VCC ramps down. Figure 20
portrays the behavior we have adopted:
Figure 20. VCC Ripple is Used to Introduce a
Frequency Jittering on the Internal Oscillator
Sawtooth
65 kHz
68 kHz
VCCOFF
VCC Ripple
VCCON
62 kHz
Skipping Cycle Mode
The NCP1216 automatically skips switching cycles when
the output power demand drops below a given level. This is
accomplished by monitoring the FB pin. In normal
operation, pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level, the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 22).
Suppose we have the following component values:
Lp, primary inductance = 350 mH
Fsw, switching frequency = 65 kHz
Ip skip = 600 mA (or 333 mV / Rsense)
The theoretical power transfer is therefore:
1
2
Lp
Ip2
Fsw + 4W.
(eq. 8)
If this IC enters skip cycle mode with a bunch length of
10 ms over a recurrent period of 100 ms, then the total power
transfer is:
4
0.1 + 400 mW.
(eq. 9)
To better understand how this skip cycle mode takes place,
a look at the operation mode versus the FB level
immediately gives the necessary insight:
Figure 21.
4.2 V, FB Pin Open
3.2 V, Upper
Dynamic Range
Normal Current Mode Operation
Skip Cycle Operation
IpMIN = 333 mV / Rsense
FB
1 V
When FB is above the skip cycle threshold (1.0 V by
default), the peak current cannot exceed 1.0 V/Rsense. When
the IC enters the skip cycle mode, the peak current cannot go
below Vpin1 / 3.3. The user still has the flexibility to alter this
1.0 V by either shunting pin 1 to ground through a resistor
or raising it through a resistor up to the desired level.
Grounding pin 1 permanently invalidates the skip cycle
operation.
Figure 22. Output Pulses at Various Power Levels
(X = 5 ms/div) P1 < P2 < P3
Power P1
Power
P2
Power
P3


Similar Part No. - NCP1216AP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AP65G ONSEMI-NCP1216AP65G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP65G ONSEMI-NCP1216AP65G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
More results

Similar Description - NCP1216AP65G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com