Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1236BD65R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1236BD65R2G
Description  Fixed Frequency Current Mode Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1236BD65R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1236BD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 12Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 13Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
NCP1236
www.onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS
75
76
77
78
79
80
81
82
83
84
85
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 15. Maximum Duty Cycle DMAX
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 16. FB Pin Voltage Below Which
Frequency Foldback Starts VFB(foldS)
1.20
1.25
1.30
1.35
1.40
1.45
1.50
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 17. FB Pin Voltage Below Which
Frequency Foldback is Complete VFB(foldE)
0.63
0.65
0.67
0.69
0.71
0.73
0.75
0.77
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 18. FB Pin Skip−in Level Vskip(in)
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 19. FB Pin Skip−Out Level Vskip(out)
20
21
22
23
24
25
26
27
28
29
30
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 20. Minimum Switching Frequency
fOSC(min)


Similar Part No. - NCP1236BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236BD65R2G ONSEMI-NCP1236BD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
More results

Similar Description - NCP1236BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com