Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239ED65R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1239ED65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239ED65R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1239ED65R2G Datasheet HTML 1Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 2Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2016
September, 2016 − Rev. 12
1
Publication Order Number
NCP1239/D
NCP1239
Fixed Frequency
Current‐Mode Controller for
Flyback Converter
The NCP1239 is a fixed-frequency current-mode controller
featuring a high-voltage start-up current source to provide a quick and
lossless power-on sequence. This function greatly simplifies the
design of the auxiliary supply and the VCC capacitor by activating the
internal start-up current source to supply the controller during start-up,
transients, latch, stand-by etc.
With a supply range up to 35 V, the controller hosts a jittered 65 or
100-kHz switching circuitry operated in peak current mode control.
When the power on the secondary side starts to decrease, the controller
automatically folds back its switching frequency down to minimum
level of 26 kHz. As the power further goes down, the part enters skip
cycle while limiting the peak current that insures excellent efficiency
in light load condition.
NCP1239 features a timer-based fault detection circuitry that
ensures a quasi-flat overload detection, independent of the input
voltage.
Features
Fixed-Frequency 65-kHz or 100-kHz Current-Mode Control
Operation
Frequency Foldback Down to 26 kHz and Skip Mode to
Maximize Performance in Light Load Conditions
Adjustable Over Power Protection (OPP) Circuit
High-Voltage Current Source with Brown-Out (BO) Detection
Internal Slope Compensation
Internal Fixed Soft-Start
Frequency Jittering in Normal and Frequency Foldback Modes
64-ms Timer-Based Short-Circuit Protection with Auto-Recovery
or Latched Operation
Pre-Short Ready for Latched OCP Versions
Latched OVP on VCC – Autorecovery for C and E Versions
Latched OVP/OTP Input for Improved Robustness
35-V VCC Operation
±500 mA Peak Source/Sink Drive Capability
Internal Thermal Shutdown
Extremely Low No-Load Standby Power
Pin-to-Pin Compatible with the Existing NCP1236/1247 Series
These Devices are Pb-Free and are RoHS Compliant
Typical Applications
AC-DC Converters for TVs, Set-Top Boxes and Printers
Offline Adapters for Notebooks and Netbooks
MARKING DIAGRAM
SOIC−7
CASE 751U
www.onsemi.com
PIN CONNECTIONS
1239xfff
= Specific Device Code
x = A, B, C, D, E, F, G, H or I
fff = 065 or 100
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1239xfff
ALYWX
G
1
8
HV
VCC
DRV
Fault
FB
CS
GND
ORDERING INFORMATION
8
6
5
1
3
4
2
See detailed ordering and shipping information on page 25 of
this data sheet.


Similar Part No. - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com