Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1937A3DR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1937A3DR2G
Description  Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1937A3DR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1937A3DR2G Datasheet HTML 7Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 8Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 9Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 10Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 11Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 12Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 13Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 14Page - ON Semiconductor NCP1937A3DR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NCP1937
www.onsemi.com
11
Table 4. ELECTRICAL CHARACTERISTICS: (VCC = 12 V, VBO/X2 = 120 V, VHV/X2 = 120 V, VFault = open, VRPFBHV = 20 V,
VPFBLV = 2.4 V, VPControl = 4 V, VPCS/PZCD = 0 V, VQFB = 3 V, VPONOFF = 4 V, VQCS = 0 V, VQZCD = 0 V, VPSTimer = 0 V, RPFBHV = 200 kW,
CVCC = 100 nF , CQCT = 220 pF, CPDRV = 1 nF, CQDRV = 1 nF, for typical values TJ = 25_C, for min/max values, TJ is – 40_C to 125_C,
unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
Conditions
QR FLYBACK GATE DRIVE
Rise Time (10−90%)
VQDRV from 10 to 90%
14
tQDRV(rise)
40
80
ns
Fall Time (90−10%)
90 to 10% of VQDRV
14
tQDRV(fall)
20
40
ns
Driver Resistance
Source
Sink
14
RQDRV(SRC)
RQDRV(SNK)
13
7
W
Current Capability
Source
Sink
VQDRV = 2 V
VQDRV = 10 V
14
IQDRV(SRC)
IQDRV(SNK)
500
800
mA
High State Voltage
VCC = VCC(off) + 0.2 V,
RQDRV = 10 kW
VCC = 26 V,
RQDRV = 10 kW
14
VQDRV(high)
8
10
12
14
V
Low Stage Voltage
VFault = 4 V
14
VQDRV(low)
0.25
V
QR FLYBACK FEEDBACK
Internal Pull−Up Current Source
10
IQFB
48
50
52
mA
Feedback Input Open Voltage
10
VQFB(open)
4.8
5.0
5.2
V
VQFB to Internal Current Setpoint Division Ratio
10
KQFB
3.95
4.0
4.15
QFB Pull Up Resistor
VPSTimer = 3 V;
VQFB = 0.4 V
10
RQFB
365
400
435
k
W
Valley Thresholds
Transition from 1st to 2nd valley
Transition from 2nd to 3rd valley
Transition from 3rd to 4th valley
Transition from 4th valley to VCO
Transition from VCO to 4th valley
Transition from 4th to 3rd valley
Transition from 3rd to 2nd valley
Transition from 2nd to 1st valley
VQFB decreasing
VQFB decreasing
VQFB decreasing
VQFB decreasing
VQFB increasing
VQFB increasing
VQFB increasing
VQFB increasing
10
VH2D
VH3D
VH4D
VHVCOD
VHVCOI
VH4I
VH3I
VH2I
1.316
1.128
0.846
0.752
1.316
1.504
1.692
1.880
1.400
1.200
0.900
0.800
1.400
1.600
1.800
2.000
1.484
1.272
0.954
0.848
1.484
1.696
1.908
2.120
V
Skip Threshold
VQFB decreasing
10
VQSKIP
0.35
0.40
0.45
V
Skip Hysteresis
VQFB increasing
10
VQSKIP(HYS)
25
50
75
mV
Delay Exiting Skip Mode to 1st QDRV Pulse
Apply 1 V step from VQSKIP
10
tdelay(QSKIP)
10
ms
Maximum On Time
14
tonQR(MAX)
26
32
38
ms
QR FLYBACK TIMING CAPACITOR
QCT Operating Voltage Range
VQFB = 0.5 V
7
VQCT(peak)
3.815
4.000
4.185
V
On Time Control Source Current
VQCT = 0 V
7
IQCT
18
20
22
mA
Minimum voltage on QCT Input
7
VQCT(min)
90
mV
Minimum Operating Frequency in VCO Mode
VQCT = VQCT(peak) +
100 mV
7
fVCO(MIN)
23.5
27
30.5
kHz


Similar Part No. - NCP1937A3DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937A3DR2G ONSEMI-NCP1937A3DR2G Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
More results

Similar Description - NCP1937A3DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
   Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com