Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5252MNTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5252MNTXG
Description  2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5252MNTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5252MNTXG Datasheet HTML 1Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 2Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 3Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 4Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 5Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 6Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 7Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 8Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP5252
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 13.2 V, TA = −40°C to 85°C, unless other noted)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Input Voltage
VCC
4.5
13.2
V
POR Threshold for Internal Reset
Logic
VCC_POR
3.0
3.7
V
SUPPLY CURRENT
VCC Quiescent Supply Current
ICC_FPWM
EN/SKIP = 5 V, VFB = 1 V (No switching),
VCC = 4.5 V to 13.2 V
1.0
2.5
mA
VCC Shutdown Current
IVCC_SD
EN/SKIP = 0 V
10
mA
BST Quiescent Supply Current
IBST_FPWM
EN/SKIP = H, VFB = 1 V, VBST = 5 V
0.3
mA
BST Shut Down Current
IBST_SD
EN/SKIP = L, VFB = 1 V, VBST = 5 V
10
mA
VCC Input Current
IVCC
FREQ_SET = AGND. FREQ = 333 kHz
18
mA
LDO REGULATOR
V5 Regulator Voltage
V5
VCC > 6 V, IV5 = 5 mA
4.85
5.0
5.15
V
V5 Rise Threshold
V5_th+
Wake Up
4.1
4.3
4.45
V
V5 UVLO Hysteresis
V5HYS
300
400
500
mV
V5 Loading
V5LOAD
3.0
mA
V5 Current Limit
ILIMIT_V5
20
mA
Drop−out Voltage (VCC − V5)
VDR
Io = 5 mA, TA = 25°C, VCC = 4.5 V, FB = 1V
200
mV
POWER GOOD
Power Good High Threshold
VPGH
PGOOD in from higher Vo
(PGOOD goes high)
100
110
120
%
Power Good High Hysteresis
VPGH_HYS
PGOOD high hysteresis
(PGOOD goes low)
5
%
Power Good Low Threshold
VPGL
PGOOD in from lower Vo
(PGOOD goes high)
75
85
95
%
Power Good Low Hysteresis
VPGL_HYS
PGOOD low hysteresis
(PGOOD goes low)
−5
%
Power Good High Delay
Td_PGH
150
ms
Power Good Low Delay
Td_PGL
1.5
ms
Output Overvoltage Rising
Threshold
OVPth+
OVPth+ = VPGH + VPGH_SYS
105
115
125
%
Over voltage Fault Propagation
Delay
OVPTblk
FB Forced 2% above trip threshold
1.5
ms
Output Undervoltage Trip
Threshold
UVPth
UVPth = VPGL + VPGL_HYS
70
80
90
%
Output Undervoltage Protection
Blanking Time
UVPTblk
8.0
ms
REFERENCE OUTPUT
Internal Reference Voltage
VREF
25°C
−40°C to 85°C
0.594
0.591
0.6
0.6
0.606
0.609
V
Output Voltage Accuracy (Note 1)
VIN = 12 V, Io = 0 A to 2 A
−1
0
+1
%
Line Regulation (Note 1)
VIN = 5 to 12 V, IOUT = 500 mA
0.1
%/V
OSCILLATOR
Operation Frequency
FSW
FREQ_SET = V5
900
1000
1100
kHz
FREQ_SET = NC
450
500
550
kHz
FREQ_SET = AGND
300
333
366
kHz
INTERNAL SOFT−START
Soft−Start Time
tSS
Digital Soft−Start (VOUT from 10% to 90%)
800
ms
1. Guaranteed by design, not tested in production.
2. Test mode disables the Ton/Toff min.


Similar Part No. - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252MNTXG ONSEMI-NCP5252MNTXG Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
More results

Similar Description - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
   Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com