Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1937C1DR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1937C1DR2G
Description  Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1937C1DR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1937C1DR2G Datasheet HTML 6Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 7Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 8Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 9Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 10Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 11Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 12Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 13Page - ON Semiconductor NCP1937C1DR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
NCP1937
www.onsemi.com
10
Table 4. ELECTRICAL CHARACTERISTICS: (VCC = 12 V, VBO/X2 = 120 V, VHV/X2 = 120 V, VFault = open, VRPFBHV = 20 V,
VPFBLV = 2.4 V, VPControl = 4 V, VPCS/PZCD = 0 V, VQFB = 3 V, VPONOFF = 4 V, VQCS = 0 V, VQZCD = 0 V, VPSTimer = 0 V, RPFBHV = 200 kW,
CVCC = 100 nF , CQCT = 220 pF, CPDRV = 1 nF, CQDRV = 1 nF, for typical values TJ = 25_C, for min/max values, TJ is – 40_C to 125_C,
unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
Conditions
PFC DISABLE
Voltage to Current Conversion Ratio
VQFB = 3 V, Low Line
VQFB = 3 V, High Line
6
Iratio1(QFB/PON)
Iratio2(QFB/PON)
14
14
15
15
16
16
mA
PFC Disable Threshold
VPONOFF decreasing
6
VPOFF
1.9
2.0
2.1
V
PFC Enable Hysteresis
VPONOFF = increasing
6
VPONHYS
0.135
0.160
0.185
V
PONOFF Operating Mode Voltage
tdemag/T = 70%,
RPONOFF = 191 kW,
CPONOFF = 1 nF
VQFB = 1.8 V (decreasing)
VQFB = 3 V (decreasing)
6
VPONOFF1
VPONOFF2
1.08
1.8
1.20
2.0
1.32
2.2
V
PFC Disable Timer
(See Table 2 for device options)
Disable Timer
6
tPdisable
0.45
3.6
11.7
0.50
4
13
0.55
4.4
14.3
s
PFC Enable Filter Delay
6
tPenable(filter)
50
100
150
ms
PFC Enable Timer
PONOFF Increasing
6
tPenable
200
500
ms
PFC Off−State Leakage Current
VPONOFF = 1 V,
VPFBHV = 500 V
20
IPFBHV(off)
0.1
3
mA
PFC Feedback Switch On Resistance
VPFBHV = 4.25 V,
IPFBHV = 100 mA
20
RPFBswitch(on)
10
k
W
PFC GATE DRIVE
Rise Time (10−90%)
VPDRV from 10 to 90%
of VCC
15
tPDRV(rise)
40
80
ns
Fall Time (90−10%)
90 to 10% of VPDRV
15
tPDRV(fall)
20
40
ns
Driver Resistance
Source
Sink
15
RPDRV(SRC)
RPDRV(SNK)
13
7
W
Current Capability
Source
Sink
VPDRV = 2 V
VPDRV = 10 V
15
IPDRV(SRC)
IPDRV(SNK)
500
800
mA
High State Voltage
VCC = VCC(off) + 0.2 V,
RPDRV = 10 kW
VCC = 26 V,
RPDRV = 10 kW
15
VPDRV(high)
8
10
12
14
V
Low Stage Voltage
VFault = 4 V
15
VPDRV(low)
0.25
V
PFC ZERO CURRENT DETECTION
Zero Current Detection Threshold
VPCS/PZCD rising
VPCS/PZCD falling
16
VPZCD(rising)
VPZCD(falling)
675
200
750
250
825
300
mV
Hysteresis on Voltage Threshold
VPZCD(rising) – VPZCD(falling)
16
VPZCD(HYS)
375
500
625
mV
Propagation Delay
16
tPZCD
50
100
170
ns
Input Voltage Excursion
Upper Clamp
Negative Clamp
IPCS/PZCD = 1 mA
IPCS/PZCD = −2 mA
16
VPCS/PZCD(MAX)
VPCS/PZCD(MIN)
6.5
−0.9
7
−0.7
7.5
0
V
Minimum detectable ZCD Pulse Width
16
tSYNC
70
200
ns
Missing Valley Timeout Timer
Measured after last ZCD
transition
16
tP(tout)
8
10
12
ms


Similar Part No. - NCP1937C1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937C1DR2G ONSEMI-NCP1937C1DR2G Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
More results

Similar Description - NCP1937C1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
   Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com