Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114BMX350TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP114BMX350TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX350TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP114BMX350TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 8Page - ON Semiconductor NCP114BMX350TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP114
www.onsemi.com
2
IN
OUT
BANDGAP
REFERENCE
ACTIVE
DISCHARGE*
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
ENABLE
LOGIC
GND
AUTO LOW
POWER MODE
EN
EN
Figure 2. Simplified Schematic Block Diagram
*Active output discharge function is present only in NCP114AMXyyyTCG devices.
yyy denotes the particular VOUT option.
PIN FUNCTION DESCRIPTION
Pin No.
(UDFN4)
Pin No.
(TSOP5)
Pin Name
Description
1
5
OUT
Regulated output voltage pin. A small ceramic capacitor with minimum value of 1
mF is need-
ed from this pin to ground to assure stability.
2
2
GND
Power supply ground.
3
3
EN
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into
shutdown mode.
4
1
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
4
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
EPAD
Exposed pad should be connected directly to the GND pin. Soldered to a large ground cop-
per plane allows for effective heat removal.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V or 6 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V or 6 V
V
Output Short Circuit Duration
tSC
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114,
ESD Machine Model tested per EIA/JESD22−A115,
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, UDFN4 1x1 mm
Thermal Resistance, Junction−to−Air
RqJA
170
°C/W
Thermal Characteristics, TSOP−5
Thermal Resistance, Junction−to−Air
RqJA
236
°C/W
3. Single component mounted on 1 oz, FR 4 PCB with 645 mm2 Cu area.


Similar Part No. - NCP114BMX350TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX350TCG ONSEMI-NCP114BMX350TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results

Similar Description - NCP114BMX350TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com