Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP12510BSN100T1G Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP12510BSN100T1G
Description  Current-Mode PWM Controller for Off-line Power Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12510BSN100T1G Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP12510BSN100T1G Datasheet HTML 18Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 19Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 20Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 21Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 22Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 23Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 24Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 25Page - ON Semiconductor NCP12510BSN100T1G Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
NCP12510
www.onsemi.com
22
The armed flag is generated with first DRV pulse, but only
if the first DRV pulse is synchronized with VCC(on) event. If
the FB pin is forced to ground during the VCC(on) event and
it is released afterwards, the armed flag is not generated. The
Figure 54 shows the cases of grounded FB pin at the
beginning of start−up sequence.
If the armed flag isn’t active and UVLO comes, the
controller newly starts after double−hiccup auto−recovery
sequence. Then, if UVLO comes again, the controller is
latched off. DRV pulses are authorized during the whole first
VCC going−down cycle. If any DRV pulse doesn’t come
during this time, the double−hiccup auto−recovery sequence
is coming.
The armed flag could be canceled by two conditions.
When the controller gets into regulation after start−up
sequence, i.e. during the eight consecutive switching cycles
is current setpoint voltage under Vlimit, the armed flag is
called off – this is the first armed flag cancelation condition.
When the start−up sequence isn’t complete and is
interrupted by grounded FB pin, the armed flag is called off
– this is the second armed flag cancelation condition. The
Figure 55 shows the cases of interrupted start−up sequence
by grounded FB pin.
If the start−up sequence is interrupted by grounded FB
pin, the armed flag is canceled. Then, if UVLO comes, the
controller newly starts after double−hiccup auto−recovery
sequence. Then, if UVLO comes again, the controller is
latched off.
The Figure 56 shows the case of operation, when the
controller can operate under some master system with
superordinate function. Then, the FB pin is used for
authorization or denial DRV pulses. If the normal operation
state is interrupted for a long time and afterwards the
soft−start is demanded for proper start−up of power supply,
the VCC have to be pulled−down below VCC(reset) level.
Then, if the FB isn’t grounded, the new start−up sequence
are initialized when VCC touches VCC(on) level + 200
ms
safety period. During this new start−up sequence is
generated the armed flag.
t
t
VCC (t)
VDRV (t)
VCC(on)
VCC(min)
VCC(reset)
t
t
flag
VCS (t)
Vlimit
0
t
VFB (t)
1
8 cycles
new sequence
FB@
gnd
8 cycles
FB@
gnd
Stop DRV pulses by
Master Sytem
Supply voltage VCC is
controlled by Master System
FB@
gnd
The IC must be reset to
ensure the soft -start
after release the FB
8 cycles
1
Grounded FB @VCC(on)
→ No Armed flag
Figure 56. The Master system driving the controller by forcing the FB pin to ground.
Armed
Slope Compensation
The NCP12510 includes an internal slope compensation
signal. This is the buffered oscillator clock delivered during
the on−time only. Its amplitude is around 2.5 V at the
maximum duty ratio. Slope compensation is a known means
used to cure sub harmonic oscillations in CCM−operated
current−mode converters. These oscillations take place at
half the switching frequency and occur only during
Continuous Conduction Mode (CCM) with a duty ratio
greater than 50%. To lower the current loop gain, one usually
injects between 50 and 100% of the primary inductance
downslope. Figure 57 depicts how the ramp is generated
internally. Please note that the ramp signal will be
disconnected from the CS pin during the off−time.


Similar Part No. - NCP12510BSN100T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510BSN100T1G ONSEMI-NCP12510BSN100T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results

Similar Description - NCP12510BSN100T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com