Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596DSADJR4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM2596DSADJR4G
Description  3.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596DSADJR4G Datasheet(HTML) 1 Page - ON Semiconductor

  LM2596DSADJR4G Datasheet HTML 1Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 2Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 3Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 4Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 5Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 6Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 7Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 8Page - ON Semiconductor LM2596DSADJR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 0
1
Publication Order Number:
LM2596/D
LM2596
3.0 A, Step-Down Switching
Regulator
The LM2596 regulator is monolithic integrated circuit ideally suited
for easy and convenient design of a step−down switching regulator
(buck converter). It is capable of driving a 3.0 A load with excellent
line and load regulation. This device is available in adjustable output
version and it is internally compensated to minimize the number of
external components to simplify the power supply design.
Since LM2596 converter is a switch−mode power supply, its
efficiency is significantly higher in comparison with popular
three−terminal linear regulators, especially with higher input voltages.
The LM2596 operates at a switching frequency of 150 kHz thus
allowing smaller sized filter components than what would be needed
with lower frequency switching regulators. Available in a standard
5−lead TO−220 package with several different lead bend options, and
D2PAK surface mount package.
The other features include a guaranteed
$4% tolerance on output
voltage within specified input voltages and output load conditions, and
$15% on the oscillator frequency. External shutdown is included,
featuring 80
mA (typical) standby current. Self protection features
include switch cycle−by−cycle current limit for the output switch, as
well as thermal shutdown for complete protection under fault
conditions.
Features
Adjustable Output Voltage Range 1.23 V − 37 V
Guaranteed 3.0 A Output Load Current
Wide Input Voltage Range up to 40 V
150 kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability
Low Power Standby Mode, typ 80 mA
Thermal Shutdown and Current Limit Protection
Internal Loop Compensation
Moisture Sensitivity Level (MSL) Equals 1
Pb−Free Packages are Available
Applications
Simple High−Efficiency Step−Down (Buck) Regulator
Efficient Pre−Regulator for Linear Regulators
On−Card Switching Regulators
Positive to Negative Converter (Buck−Boost)
Negative Step−Up Converters
Power Supply for Battery Chargers
See detailed ordering and shipping information in the package
dimensions section on page 23 of this data sheet.
ORDERING INFORMATION
1
5
TO−220
TV SUFFIX
CASE 314B
1
5
Heatsink surface connected to Pin 3
TO−220
T SUFFIX
CASE 314D
Pin
1. Vin
2. Output
3. Ground
4. Feedback
5. ON/OFF
D2PAK
D2T SUFFIX
CASE 936A
Heatsink surface (shown as terminal 6 in
case outline drawing) is connected to Pin 3
1
5
http://onsemi.com
See general marking information in the device marking
section on page 23 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - LM2596DSADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596DSADJR4G ONSEMI-LM2596DSADJR4G Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

Similar Description - LM2596DSADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com