Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP508SQ18T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP508SQ18T1G
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508SQ18T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP508SQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 8Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 9Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 10Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 11Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 12Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 13Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 14Page - ON Semiconductor NCP508SQ18T1G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP508
http://onsemi.com
11
Cin = Cout = 1 mF
Vin = VEN = 2.8 V
Vout = 2.5 V
TA = 25°C
Ilimit = 180 mA
Figure 32. Hard Short−Circuit Current (by Copper Wires)
500 ms/div
50 mA/div
0
0.01
0.02
0.03
0.04
0.05
0.06
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Figure 33. Measured Power Operating Area,
1.5 V, TA = 855C, Vout_drop = max 0.1 V
Vin, INPUT VOLTAGE (V)
33 x 26 mm
Figure 34. Evaluation Board
0
50
100
150
200
250
300
350
0
100 200 300 400 500 600 700 800 900 1000
0
0.05
0.1
0.15
0.2
0.25
COPPER HEAT SPREADER AREA (mm2)
PD
qJA
Figure 35. SC70−5 Thermal Resistance vs.
Copper Heat Spreader Area
VEN = Vin
Cin = Cout = 1 mF
TA = 85°C
PCB Copper Thickness = 1.0 oz
50
100
150
200
250
300
400
0
100 200 300 400 500 600 700 800 900
PCB COPPER HEAT SPREADER AREA (mm2)
Figure 36. WDFN6 Thermal Resistance vs.
Copper Heat Spreader Area
350
PCB Copper Thickness = 1.0 oz


Similar Part No. - NCP508SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508SQ18T1G ONSEMI-NCP508SQ18T1G Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP508SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com