Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1587DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1587DR2G
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1587DR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1587DR2G Datasheet HTML 3Page - ON Semiconductor NCP1587DR2G Datasheet HTML 4Page - ON Semiconductor NCP1587DR2G Datasheet HTML 5Page - ON Semiconductor NCP1587DR2G Datasheet HTML 6Page - ON Semiconductor NCP1587DR2G Datasheet HTML 7Page - ON Semiconductor NCP1587DR2G Datasheet HTML 8Page - ON Semiconductor NCP1587DR2G Datasheet HTML 9Page - ON Semiconductor NCP1587DR2G Datasheet HTML 10Page - ON Semiconductor NCP1587DR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1587, NCP1587A
http://onsemi.com
7
UVLO
Undervoltage Lockout (UVLO) is provided to ensure that
unexpected behavior does not occur when VCC is too low to
support the internal rails and power the converter. For the
NCP1587/A, the UVLO is set to permit operation when
converting from a 5.0 input voltage.
Overcurrent Threshold Setting
NCP1587/A can easily program an Overcurrent
Threshold ranging from 50 mV to 550 mV, simply by adding
a resistor (RSET) between BG and GND. During a short
period of time following VCC rising over UVLO threshold,
an internal 10
mA current (IOCSET) is sourced from BG pin,
determining a voltage drop across ROCSET. This voltage
drop will be sampled and internally held by the device as
Overcurrent Threshold. The OC setting procedure overall
time length is about 6 ms. Connecting a ROCSET resistor
between BG and GND, the programmed threshold will be:
IOCth +
IOCSET @ ROCSET
RDS(on)
(eq. 1)
RSET values range from 5 k
W to 55 kW. In case ROCSET
is not connected, the device switches the OCP threshold to
a fixed 375 mV value: an internal safety clamp on BG is
triggered as soon as BG voltage reaches 700 mV, enabling
the 375 mV fixed threshold and ending OC setting phase.
The current trip threshold tolerance is
±25 mV. The accuracy
of the set point is best at the highest set point (550 mV). The
accuracy will decrease as the set point decreases.
Current Limit Protection
In case of a short circuit or overload, the low−side (LS)
FET will conduct large currents. The controller will shut
down the regulator in this situation for protection against
overcurrent. The low−side RDS(on) sense is implemented at
the end of each of the LS−FET turn−on duration to sense the
over current trip point. While the LS driver is on, the Phase
voltage is compared to the internally generated OCP trip
voltage. If the phase voltage is lower than OCP trip voltage,
an overcurrent condition occurs and a counter is initiated.
When the counter completes, the PWM logic and both
HS−FET and LS−FET are turned off. The controller has to
go through a Power On Reset (POR) cycle to reset the OCP
fault.
Drivers
The NCP1587 and NCP1587A include gate drivers to
switch external N−channel MOSFETs. This allows the
devices to address high−power as well as low−power
conversion requirements. The gate drivers also include
adaptive non−overlap circuitry. The non−overlap circuitry
increase efficiency, which minimizes power dissipation, by
minimizing the body diode conduction time.
A detailed block diagram of the non−overlap and gate
drive circuitry used in the chip is shown in Figure 9.
Figure 9. Block Diagram
BST
TG
PHASE
BG
GND
Rset
FAULT
FAULT
8
2
1
4
3
VCC
2 V
-
+
-
+
Careful selection and layout of external components is
required, to realize the full benefit of the onboard drivers.
The capacitors between VCC and GND and between BST
and SWN must be placed as close as possible to the IC. The
current paths for the TG and BG connections must be
optimized. A ground plane should be placed on the closest
layer for return currents to GND in order to reduce loop area
and inductance in the gate drive circuit.


Similar Part No. - NCP1587DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1587DR2G ONSEMI-NCP1587DR2G Datasheet
582Kb / 16P
   Low Voltage Synchronous Buck Controller
February, 2009 ??Rev. 2
More results

Similar Description - NCP1587DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com