Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1597 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1597
Description  Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1597 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1597_13 Datasheet HTML 1Page - ON Semiconductor NCP1597_13 Datasheet HTML 2Page - ON Semiconductor NCP1597_13 Datasheet HTML 3Page - ON Semiconductor NCP1597_13 Datasheet HTML 4Page - ON Semiconductor NCP1597_13 Datasheet HTML 5Page - ON Semiconductor NCP1597_13 Datasheet HTML 6Page - ON Semiconductor NCP1597_13 Datasheet HTML 7Page - ON Semiconductor NCP1597_13 Datasheet HTML 8Page - ON Semiconductor NCP1597_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP1597A
http://onsemi.com
3
APPLICATION CIRCUIT
Figure 2. NCP1597A
VCCP
VCC
NC/EN
LX
GND
FB
Vin
4.0 V − 5.5 V
Vout
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Pin (Pin 4, 5) to GND
Vin
6.5
−0.3 (DC)
−1.0 (t < 100 ns)
V
LX to GND
Vin + 0.7
Vin + 1.0 (t < 20 ns)
−0.7 (DC)
−5.0 (t < 100 ns)
V
All other pins
6.0
−0.3 (DC)
−1.0 (t < 100 ns)
V
Operating Temperature Range
TA
−40 to +85
°C
Junction Temperature
TJ
−40 to +150
°C
Storage Temperature Range
TS
−55 to +150
°C
Thermal Resistance Junction−to−Air (Note 1)
RqJA
68.5
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. RqJA measured on approximately 1x1 inch sq. of 1 oz. Copper.


Similar Part No. - NCP1597_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597AMNTWG ONSEMI-NCP1597AMNTWG Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1597BMNTWG ONSEMI-NCP1597BMNTWG Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1597BMNTWG ONSEMI-NCP1597BMNTWG Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP1597_13

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com