Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1605DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1605DR2G
Description  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1605DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1605DR2G Datasheet HTML 5Page - ON Semiconductor NCP1605DR2G Datasheet HTML 6Page - ON Semiconductor NCP1605DR2G Datasheet HTML 7Page - ON Semiconductor NCP1605DR2G Datasheet HTML 8Page - ON Semiconductor NCP1605DR2G Datasheet HTML 9Page - ON Semiconductor NCP1605DR2G Datasheet HTML 10Page - ON Semiconductor NCP1605DR2G Datasheet HTML 11Page - ON Semiconductor NCP1605DR2G Datasheet HTML 12Page - ON Semiconductor NCP1605DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NCP1605, NCP1605A, NCP1605B
www.onsemi.com
9
0.5
1
1.5
2
2.5
3
3.5
4
Figure 13. Difference (VCCOFF−VCCSTUP) vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
0
1
2
3
4
5
6
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
Figure 14. VCC Level Below Which the
Logic Resets vs. Temperature
4
6
8
10
12
14
16
18
20
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
Figure 15. High−Voltage Current Source (Sunk
by Pin 16) vs. Temperature (@ VCC = 13.5 V)
4
6
8
10
12
14
16
18
20
Figure 16. Startup Charge Current Flowing Out
of the VCC Pin vs. Temperature (@ VCC = 13.5 V)
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
0
0.3
0.6
0.9
1.2
Figure 17. High−Voltage Current Source vs.
Temperature (@ VCC = 0 V)
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
0
10
20
30
40
50
60
70
80
90
TJ, JUNCTION TEMPERATURE (°C)
−40
−15
10
35
60
85
110
Figure 18. Pin 16 Leakage Current vs.
Temperature (@ VPIN16 = 500 V and VCC = 16 V)


Similar Part No. - NCP1605DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605DR2G ONSEMI-NCP1605DR2G Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605DR2G ONSEMI-NCP1605DR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
More results

Similar Description - NCP1605DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com